Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL9005ACPZN-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADL9005ACPZN-R7
Description  Wideband, Low Noise Amplifier, Single Positive Supply, 0.01 GHz to 26.5 GHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL9005ACPZN-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADL9005ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 23Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Data Sheet
ADL9005
APPLICATIONS INFORMATION
analog.com
Rev. A | 20 of 24
BASIC CONNECTIONS
The basic connections for operating the ADL9005 are shown in
Figure 74. Connect the recommended capacitor values to the ac
ground pins (ACG1, ACG2, ACG3, and ACG4) as shown in Figure
74. The bias current is set by connecting a resistor between RBIAS
and VDD. When using 5 V VDD, a resistor value of 300 Ω is
recommended to achieve an IDQ of 80 mA. Table 9 shows the
resulting IDQ for the various RBIAS values where the resistor is tied
to 5 V. Decouple the RBIAS pin with a 100 pF capacitor as shown in
Figure 74.
Refer to ADL9005-EVALZ user guide (UG-1859) for the recom-
mended part numbers of the manufacturers for all the external
components required to operate the ADL9005.
Table 9. Recommended Bias Resistor Values
RBIAS (Ω)
IDQ (mA)
IDQ_AMP (mA)
IDQ_BIAS (mA)
180
90
82.3
7.7
300
80
73.6
6.4
450
70
64.8
5.2
650
60
55.8
4.2
1000
50
46.8
3.2
1500
40
37.4
2.6
Figure 74. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com