Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL9005ACPZN-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL9005ACPZN-R7
Description  Wideband, Low Noise Amplifier, Single Positive Supply, 0.01 GHz to 26.5 GHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL9005ACPZN-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL9005ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL9005ACPZN-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Data Sheet
ADL9005
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. A | 6 of 24
Figure 2. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RBIAS
Current Mirror Bias Resistor Pin. Use the RBIAS pin to set the IDQ by connecting an external bias resistor as defined in
Table 9. Refer to Figure 74 for the bias resistor connection. See Figure 3 for the interface schematic.
2, 6 to 10, 13, 14, 18 to 22
NC
No Internal Connection. Note the data shown herein was measured with these pins externally connected to the RF and
dc ground.
3, 5, 15, 17
GND
Ground. The GND pins must be connected to RF and dc ground. See Figure 4 for the interface schematic.
4
RFIN
RF Input. The RFIN pin is dc-coupled and matched to 50 Ω. See Figure 5 for the interface schematic.
11
ACG1
AC Grounding 1. A capacitor is required on the ACG1 pin to provide low frequency decoupling. Refer to Figure 74 for the
capacitor value. See Figure 5 for the interface schematic.
12
ACG2
AC Grounding 2. A capacitor is required on the ACG2 pin to provide low frequency decoupling. Refer to Figure 74 for the
capacitor value. See Figure 5 for the interface schematic.
16
RFOUT/VDD
RF Output (RFOUT)/Drain Voltage for Amplifier (VDD). The RFOUT/VDD pin is dc-coupled and matched to 50 Ω. See Figure
6 for the interface schematic.
23
ACG3
AC Grounding 3. A capacitor is required on the ACG3 pin to provide low frequency decoupling. Refer to Figure 74 for the
capacitor value. See Figure 6 for the interface schematic.
24
ACG4/VDD2
AC Grounding 4 (ACG4). A capacitor is required on the ACG4 pin to provide low frequency decoupling. Refer to Figure
74 for the capacitor value. See Figure 6 for the interface schematic.
Optional Drain Voltage for the Amplifier that Requires a Higher Voltage (VDD2). Do not use the VDD2 pin simultaneously
with RFOUT/VDD. See Figure 6 for the interface schematic.
EPAD
Exposed Pad. The exposed pad must be connected to RF and dc ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com