Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM3350-SW Datasheet(PDF) 39 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 39 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 35Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 36Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 37Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 38Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 39Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 40Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 41Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 42Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 43Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
37
Clocking
Parameter
Description
MIN
TYP
MAX
Units
Fck
SYSCLK frequency1
1
50
50.5
MHz
Tch
SYSCLK High Pulse Width
8
nsec
Tcl
SYCLK Low Pulse Width
8
nsec
Fpck
PCICLK frequency2
0
40
40.5
MHz
Tpch
PCICLK High Pulse Width
11
nsec
Tpcl
PCICLK Low Pulse Width
11
nsec
Trst
RST* active time after PCICLK and SYSCLK
stable
10
usec
Notes:
1) The minimum clock frequency for SYSCLK is required to reliably refresh local
DRAM memory. The nominal frequency of 50 MHz must be provided for full
throughput.
2) The minimum clock frequency for PCICLK reflects completely static operation.
The nominal frequency of 40 MHz must be provided for full throughput.
Miscellaneous
Parameter
Description
MIN
MAX
Units
Tmisu
MINTR* setup to posedge SYSCLK
10
nsec
Tmih
MINTR* hold to posedge SYSCLK
0
nsec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com