Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM3350-SW Datasheet(PDF) 42 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 42 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 38Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 39Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 40Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 41Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 42Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 43Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 44Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 45Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 46Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
40
System Block Diagram
The following diagram represents a high-level view of the simple switch system
described above:
PM3350
Power-On
Reset
Quad
MAU
(PHY)
LED
EPROM
DRAM
Device
Config
Pull-up/
Pull-down
Resistors
RST*
ERST*
TXD[3:0]
TEN[3:0]
RXD[3:0]
CRS[3:0]
COL[3:0]
TXD[7:4]
TEN[7:4]
RXD[7:4]
CRS[7:4]
COL[7:4]
50
MHz
Clock
SYSCLK
D
A
R/W CAS*
D
A
OE*
CS*
MDATA[7:0]
PCI Bus
MDATA[7:0]
Quad
MAU
(PHY)
In the diagram above, the quad-PHY devices, the EPROM, the DRAM and the 50 MHz
clock oscillator are all created in a straightforward manner from off-the-shelf parts. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com