Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM3350-SW Datasheet(PDF) 87 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 87 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 83Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 84Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 85Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 86Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 87Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 88Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 89Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 90Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 91Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
85
Expansion Port Descriptor Structure
Each expansion port descriptor is assigned to a logical device, with indices ranging from
0 through 7. The expansion port descriptor structures are mapped into the memory
locations as given in the foregoing address map, with the structure corresponding to
logical device index zero being mapped into the lowest memory address, and so on. An
expansion port descriptor occupies 16 bytes, and is formatted as follows:
31
24 23
16 15
8 7
0 Byte Offset
ChipNum
FirstDD
0
CtrMask
LastDD
4
reserved
MaxBuffers
8
RemoteDD
12
FirstDD:
24-bit pointer to first data descriptor waiting in transfer queue to be
transferred to remote device.
ChipNum:
8-bit index assigned to remote chip corresponding to this expansion port
descriptor; must be 0 for expansion port descriptor zero, and so on.
LastDD:
24-bit pointer to last data descriptor in transfer queue for this remote device.
CtrMask:
8-bit mask passed to DMA hardware when attempting to increment a request
or acknowledge counter in the remote device; must correspond to ChipNum.
MaxBuffers:
16-bit count of packet buffers that remain to be allocated to hold incoming
frames transferred from the remote device; when this count goes to zero, no
more frames will be transferred.
RemoteDD:
32-bit PCI address of next data descriptor pointing to frame to be transferred
from remote device. Generally, the uppermost 8 bits of this field remain
constant, and give the upper 8 bits of the PCI base address set for the
remote device; the lower 24 bits vary, and give the offset of the data
descriptor with reference to the PCI base address.
The FirstDD and the LastDD fields serve to control the transfer queue for frames
waiting to be transferred to the remote device associated with this expansion port
descriptor. FirstDD contains the 24-bit memory address of the data descriptor at the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com