Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM3350-SW Datasheet(PDF) 97 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 97 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 93Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 94Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 95Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 96Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 97Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 98Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 99Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 100Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 101Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
95
8x10), and frames directed to this MAC address should be directed to that device via
the PCI expansion port. Forwarding tags have the following format:
31
24 23
16 15
8 7
0 Byte Offset
ChipNum
NextFT
0
MACAddr[23:16]
MACAddr[31:24]
MACAddr[7:0]
MACAddr[15:8]
4
MulticastMask
MACAddr[39:32]
MACAddr[47:40]
8
FTFlags
SrcHashBkt
12
NextFT:
24-bit pointer to next forwarding tag (or hash bucket) in linked-list; NULL if
none.
ChipNum:
8-bit index assigned to remote device corresponding to this forwarding tag.
MACAddr:
48-bit IEEE 802.3 MAC address associated with this forwarding tag.
MulticastMask:
16-bit mask used to restrict multicasts directed to this MAC address to a
subset of the devices in the system. Only valid for multicast MAC addresses,
as indicated by the proper setting of the HBFlags field.
SrcHashBkt:
24-bit address of the target hash bucket within the remote device that
contains the primary frame handling and statistics information for this MAC
address.
FTFlags:
8-bit per-MAC forwarding control flags, formatted as described below.
The NextFT field contains a pointer to the next forwarding tag (or hash bucket) in the
linked-list of forwarding tags. It is NULL (all-zeros) if this forwarding tag forms the end of
the chain. The MACAddr field spans two consecutive words, and contains the complete
48-bit MAC address associated with this forwarding tag; as in the case of the hash
bucket, the MACAddr field is compared to the address extracted from the Ethernet
packet during the address table lookup process to ensure that the proper forwarding tag
has been found.
The ChipNum field holds the index of the external device corresponding to this
forwarding tag, i.e., the device to which frames directed to this MAC address should be
sent. The ChipNum field is set up when the forwarding tag is inserted into the address
table with the ID of the device requesting that the tag be created.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com