Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM3350-SW Datasheet(PDF) 71 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 71 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 67Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 68Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 69Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 70Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 71Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 72Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 73Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 74Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 75Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
69
PayloadByte0 - PayloadByte(n-4):
8-bit packet buffer payload bytes: contains Ethernet frame data for the frame
contained within the linked-list of packet buffers.
The NextPB field in the packet buffer header contains a pointer to the next packet
buffer in the chain of buffers that holds the entire Ethernet frame. If this is the last (or
only) buffer in the chain, then this field is set to zero to indicate a NULL pointer. The
Size field holds the number of valid payload bytes (i.e., excluding the 8 packet buffer
header bytes) in the packet buffer payload field; for an 80-byte packet buffer, the value
in this byte can range between 0 and 72. A value of zero indicates a completely empty
packet buffer with no data, which will simply be skipped over by the hardware or
firmware with no ill effects.
The RefCount field holds a reference count indicating the number of ports or devices to
which the packet buffer contents must be transmitted, and is used to determine when
the packet buffer may be freed. The reference count is normally 1 for unicast frames,
and equals the sum of the number of destination ports and devices for broadcasts; it is
only valid for the last packet buffer in a chain (i.e., when the next packet buffer pointer
is NULL), and is ignored in other buffers.
The LastSize field in the header holds the total number of valid bytes, including the
header, in the last packet buffer in a linked list of buffers. It should be placed in the first
packet buffer in the chain, and is principally used to optimize processing of packet
buffers by the hardware. This field is ignored if there is only one packet buffer in the
chain, or if the buffer under consideration is not the first one in the chain.
The remaining bytes in the packet buffer contain the payload, consisting of Ethernet
frame bytes received by one of the MAC channels of the ELAN 8x10 (or created via
software). The bytes are placed into the packet buffer in the order depicted above,
depending on the setting of the byte swap hardware configuration bit. Note that
'PayloadByte0' in the above diagrams refers to the first byte received from the medium
for the payload of the given packet buffer; in the case of the first packet buffer in a
chain, this byte will contain the LSB of the 48-bit MAC destination address in the
Ethernet frame header.
Packet buffer chains may also be used by the various chips in the system to contain
message data that is to be exchanged between devices interfaced to the PCI bus. If a
packet buffer holds message data rather than Ethernet frame data, then the format of
the header is unchanged, but the payload field is formatted in a message-specific
manner.
Data contained within packet buffers is never cached by the Switch Processor, and
hence the contents of any packet buffer may be read at any time via the PCI expansion
port. In normal operation, packet buffers are primarily manipulated by the DMA
hardware; the Switch Processor usually writes only the RefCount and LastSize fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com