Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM3350-SW Datasheet(PDF) 13 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 13 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 9Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 10Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 11Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 12Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 13Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 14Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 15Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 16Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 17Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
11
Processor, the DMA processor, and the expansion port, and efficiently partitions the
100 Mbytes/s peak memory port bandwidth among them.
The ELAN 8x10 is capable of auto-configuring after power-up via an 8-bit EPROM or
EEPROM connected to the memory port. Parameters (such as the MAC address, IP
address, configuration options, etc.) may be placed in this EPROM or EEPROM, and
will be loaded automatically by the ELAN 8x10.
Clocking and Test
The ELAN 8x10 is implemented in fully-static CMOS technology, and is intended to
operate at a device clock frequency of 50 MHz (40 MHz for the expansion port bus).
The Switch Processor performs a comprehensive power on self test (POST), and can
report failure conditions and device status, if necessary, via an 8-bit LED interface
register connected to the local memory port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com