Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9627PCB Datasheet(PDF) 32 Page - Analog Devices

Part # AD9627PCB
Description  12-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9627PCB Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9627PCB Datasheet HTML 28Page - Analog Devices AD9627PCB Datasheet HTML 29Page - Analog Devices AD9627PCB Datasheet HTML 30Page - Analog Devices AD9627PCB Datasheet HTML 31Page - Analog Devices AD9627PCB Datasheet HTML 32Page - Analog Devices AD9627PCB Datasheet HTML 33Page - Analog Devices AD9627PCB Datasheet HTML 34Page - Analog Devices AD9627PCB Datasheet HTML 35Page - Analog Devices AD9627PCB Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
AD9627
Preliminary Technical Data
Rev. PrA | Page 32 of 40
CONFIGURATION WITHOUT THE SPI
In applications that do not interface to the SPI control registers,
the SDIO/DCS, SCLK/DFS, MON SDO/OEB, and MON
SCLK/PDWN pins serve as stand alone CMOS compatible
control pins. When the device is powered up, it is assumed that
the user intends to use the pins as static control lines for the
duty cycle stabilizer, output data format, output enable, and
power down feature control. In this mode the CSB chip select
should be connected to AVDD, which will disable the serial
port interface.
Table 5. Mode Selection
Pin
External
Voltage
Configuration
AVDD (default)
Duty Cycle Stabilizer Enabled
SDIO/DCS
AGND
Duty Cycle Stabilizer Disabled
AVDD
Twos Complement Enabled
SCLK/DFS
AGND (default)
Offset Binary Enabled
AVDD
Outputs in High Impedance
MON SDO/
OEB
AGND (default)
Outputs Enabled
AVDD
Chip in PowerDown/Standby
MON SCLK/
PDWN
AGND (default)
Normal Operation
MEMORY MAP
Reading the Memory Map Table
Each row in the memory map table has eight bit locations. The
memory map is roughly divided into four sections: chip
configuration and ID register map (Address 0x00 to Address
0x05), ADC setup, control and test (Addresses 0x08 to Address
0x25), transfer register map (Address 0xFF), and digital feature
control (Address 0x100 to Address 0x11B).
Starting from the right hand column, the memory map register
in Table x documents the default hex value for each hex address
shown. The column with the heading Bit 7 (MSB) is the start of
the default hex value given. For example, hex address 0x18,
reference select, has a hex default value of 0xC0. This means Bit
7 = 1, Bit 6 = 1, and the remaining bits are zeros. This setting is
the default reference selection setting. The default value uses a
2.0V peak to peak reference. For more information on this
function and others consult “Interfacing to High Speed ADCs via
SPI” at www.analog.com.
Open Locations
All address and bit locations that are not included in Table x are
currently not supported for this device. Unused bits of a valid
address location should be written with 0s. Writing to these
locations is required only when part of an address location is
open (for example, Address 0x18). If the entire address location
is open (for example, Address 0x13), then this address location
should not be written.
Default Values
Coming out of reset, critical registers are loaded with default
values. The default values for the registers are given in the
Memory Map Table.
Logic Levels
An explanation of various registers follows: “bit is set” is
synonymous with “bit is set to Logic 1” or “writing Logic 1 for
the bit.” Similarly “clear a bit” is synonymous with “bit is set to
Logic 0” or “writing Logic 0 for the bit.”
Transfer Register Map
Addresses 0x08 to 0x18 are shadowed. Writes to these
addresses do not affect the part operation until a transfer
command is issued by writing a 0x01 to address 0xFF setting
the transfer bit. This allows these registers to be updated
internally simultaneously when the transfer bit is set. The
internal update takes place when the transfer bit is set and the
bit autoclears.
Channel Specific Registers
Some channel setup functions such as the signal monitor
thresholds can be programmed differently for each channel. In
these cases channel address locations are internally duplicated
for each channel. These registers are designated in the
‘Parameter Name’ column of Table x as (local) registers. These
local registers can be accessed by setting the appropriate
Channel A or Channel B bits in register 0x05. If both bits are
set the subsequent write will affect both channels’ registers. In a
read cycle only Channel A or Channel B should be set to read
one of the two registers. If both bits are set during a SPI read
cycle the part returns the value for channel A. Registers
designated as (global) in the ‘Parameter Name’ column of Table
x affect the entire part or the channel features where
independent settings are not allowed between the channels.
The settings in register 0x05 do not affect the global registers.
SPI ACCESSIBLE FEATURES
A brief description of all features accessible via the SPI follows.
They are described in great detail in the Analog Devices user
manual titled Interfacing to High Speed ADCs via SPI at
www.analog.com.
Modes: Allows the user to set either power-down or standby
mode.
Clock:
Allows the user to access the DCS via the SPI.
Offset:
Allows the user to digitally adjust the converter offset.
Test IO: Allows the user to set test modes to have known data
on output bits.
Output Mode: Allows the user to setup outputs.
Output phase: Allows user to set the output clock polarity.
Output Delay: Allows user to vary the strength of the output
drivers.
Vref:
Allows the user to set the reference voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com