Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9627PCB Datasheet(PDF) 12 Page - Analog Devices

Part # AD9627PCB
Description  12-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9627PCB Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9627PCB Datasheet HTML 8Page - Analog Devices AD9627PCB Datasheet HTML 9Page - Analog Devices AD9627PCB Datasheet HTML 10Page - Analog Devices AD9627PCB Datasheet HTML 11Page - Analog Devices AD9627PCB Datasheet HTML 12Page - Analog Devices AD9627PCB Datasheet HTML 13Page - Analog Devices AD9627PCB Datasheet HTML 14Page - Analog Devices AD9627PCB Datasheet HTML 15Page - Analog Devices AD9627PCB Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
AD9627
Preliminary Technical Data
Rev. PrA | Page 12 of 40
EQUIVALENT CIRCUITS
VIN
Figure 2. Analog Input Circuit
1.2V
10kΩ
10kΩ
CLK+
CLK–
AVDD
Figure 3. Equivalent Clock lInput Circuit
Figure 4. Digital Output
SDIO/DCS
1kΩ
DRVDD
Figure5x. Equivalent SDIO/DCS Input Circuit
Figure 6. Equivalent SCLK/DFS Input Circuit
SENSE
1kΩ
Figure7. Equivalent SENSE Circuit
CSB
1kΩ
26kΩ
AVDD
Figure 8. Equivalent CSB Input Circuit
VREF
AVDD
6kΩ
Figure 9. Equivalent VREF Circuit
SCLK/DFS
30kΩ
1kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com