Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9627PCB Datasheet(PDF) 23 Page - Analog Devices

Part # AD9627PCB
Description  12-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9627PCB Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9627PCB Datasheet HTML 19Page - Analog Devices AD9627PCB Datasheet HTML 20Page - Analog Devices AD9627PCB Datasheet HTML 21Page - Analog Devices AD9627PCB Datasheet HTML 22Page - Analog Devices AD9627PCB Datasheet HTML 23Page - Analog Devices AD9627PCB Datasheet HTML 24Page - Analog Devices AD9627PCB Datasheet HTML 25Page - Analog Devices AD9627PCB Datasheet HTML 26Page - Analog Devices AD9627PCB Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Preliminary Technical Data
AD9627
Rev. PrA | Page 23 of 40
ADC OVERRANGE AND GAIN CONTROL
It is desirable to have a mechanism to reliably determine when
the converter is about to be clipped. The standard overflow
indicator provides after the fact information which is of limited
usefulness. Therefore it is useful to have a programmable
threshold below full-scale that would allow time to reduce the
gain before the clip actually occurs. In addition, since input
signals can have significant slew rates, latency of this function is
a big concern. Highly pipelined converters can have significant
latency. A good compromise of this function is to use the
output bits from the first stage of the ADC for this function.
Latency for these output bits is very low, and overall resolution
is not highly significant.
Peak input signals are typically
between full-scale and 6 to 10 dB below full-scale. A 3 or 4 bit
output should give more than adequate range and resolution for
this function.
Via the SPI port, the user can provide a threshold above which a
fast over-range output would be active. As long as the signal is
below that threshold, the output should remain low. This pin
could also be programmed via the SPI port to function as a
traditional over-range pin for customers who currently use this
feature. In this mode, all 12 bits of the converter would be
examined in the traditional manner and the output would be
high for the condition normally defined as overflow. In either
mode, the sign of the data is not considered in the calculation of
the condition. The threshold detection responds identically to
positive and negative signals outside the desired range
(magnitude).
FAST DETECT OVERVIEW
The AD9627 contains circuitry to facilitate fast over-range
detection allowing very flexible external gain control
implementations. Each ADC has four Fast Detect (FD) bits that
are utilized to output information about the current state of the
ADC input level. The FD bit function is programmable
allowing range information to be output from several points in
the internal data path. These bits can also be set up to indicate
the presence of overrange or underrange conditions according
to programmable threshold levels. Table X.x below shows the 6
configurations available for the Fast Detect bits. These
configurations are selecting by setting bits 3:1 in the register at
SPI address 0x104.
Table xx. Fast Detect Bit Configuration Settings
Fast Detect Mode
Select - Register
104h<3:1>
Information Presented on
FD Bits[3:0]
000
ADC Fast Magnitude[3:0]
001
ADC Fast Magnitude[2:0], OVR
010
ADC Fast Magnitude[2:1], OVR, F_LT
011
ADC Fast Magnitude[2:1], C_UT, F_LT
100
OVR, C_UT, F_UT, F_LT
101
OVR, F_UT, IG, DG
ADC FAST MAGNITUDE
When the FD bits are configured to output the ADC fast
magnitude the information presented is the ADC level with
only a 1 clock cycle latency. Using the FD bits in this
configuration provides the earliest possible level indication
information. Since this information is provided from early in
the data path there is a significant uncertainty in the level
indicated. The nominal levels along with the uncertainty
indicated by the ADC fast magnitude are shown in table x.x.
Table xx. ADC Fast Magnitude Bits Nomimal Levels (Using
Mag[3:0])
ADC_Fast_Mag[3:0]
Nominal Input
magnitude in
dB below FS
Nominal Input
magnitude
Uncertainty in dB
0000
-30.14
+12.07 to Min
0001
-18.07
+6.03/-12.07
0010
-12.04
+3.52/-6.03
0011
-8.52
+2.5/-3.52
0100
-6.02
+1.94/-2.5
0101
-4.08
+1.58/-1.94
0110
-2.5
+1.34/-1.58
0111
-1.16
+1.16/-1.34
1000
-0.28
+0.28/-0.88
When fast detect modes 001, 010, or 011 are selected a subset of
the FD bits are available. Table xx shows the corresponding
ADC input levels when Fast Magnitude[2:0] is selected using
001.
Table xx. ADC Fast Magnitude Bits Nomimal Levels (Using
Mag[2:0])
ADC_Fast_Mag[2:0]
Nominal Input
magnitude in
dB below FS
Nominal Input
magnitude
Uncertainty in dB
000
-30.14
+12.07 to Min
001
-18.07
+6.03/-12.07
010
-12.04
+3.52/-6.03
011
-8.52
+2.5/-3.52
100
-6.02
+1.94/-2.5
101
-4.08
+1.58/-1.94
110
-2.5
+1.34/-1.58
111
-1.16
+1.16/-1.34
When ADC Fast Magnitude[2:1] is selected the LSB is not
provided. The Input ranges for this mode are shown in Table x.
Table xx. ADC Fast Magnitude Bits Nomimal Levels (Using
Mag[2:1])
ADC_Fast_Mag[2:1]
Nominal Input
magnitude in
dB below FS
Nominal Input
magnitude
Uncertainty in dB
00
-22.14
+10.1 to Min
01
-10.10
+4.08/-7.97
10
-5.00
+2.5/-3.52
11
-1.48
+1.48/-2.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com