Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9627PCB Datasheet(PDF) 35 Page - Analog Devices

Part # AD9627PCB
Description  12-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9627PCB Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9627PCB Datasheet HTML 31Page - Analog Devices AD9627PCB Datasheet HTML 32Page - Analog Devices AD9627PCB Datasheet HTML 33Page - Analog Devices AD9627PCB Datasheet HTML 34Page - Analog Devices AD9627PCB Datasheet HTML 35Page - Analog Devices AD9627PCB Datasheet HTML 36Page - Analog Devices AD9627PCB Datasheet HTML 37Page - Analog Devices AD9627PCB Datasheet HTML 38Page - Analog Devices AD9627PCB Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
Preliminary Technical Data
AD9627
Rev. PrA | Page 35 of 40
Addr.
(Hex)
Parameter
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Default
Notes/
Comments
0D
Test Mode
(local)
X
X
Reset PN23
gen
Reset
PN9 gen
X
Output test mode
000—off (default)
001—midscale short
010—+positive FS
011—−negative FS
100—alternating checker board
101—PN 23 sequence
110—PN 9 sequence
111—one/zero word toggle
0x00
When set, the
test data is
placed on the
output pins in
place of
normal data.
0E
Bist enable
(local)
X
X
X
X
X
Reset
BIST
Sequence
X
BIST
Enable
0x00
10
Offset adjust
(local)
X
X
Offset Adjust in LSBs from +31 to -32 (twos compliment format)
0x00
14
Output Mode
Drive
Strength
0—3.3V
CMOS or
ANSI LVDS
1—1.8V
CMOS or
Reduced
LVDS
(global)
Output
Type
0 = CMOS
1 = LVDS
(global)
Interleaved
CMOS
(global)
Output
Enable
Bar
(local)
X
Output
invert
(local)
00—offset binary 01—
twos complement
01—greycode 11—
offset binary (local)
0x00
Configures the
outputs and
the format of
the data.
15
Output Adjust
(global)
X
X
X
X
CMOS 3.3V Drive
Strength (00 is lowest
drive and 11 is highest
drive)
CMOS 1.8 V Drive
Strength (00 is lowest
drive and 11 is highest
drive)
0x02
Determines
CMOS output
drive strength
– Selecting
higher drive
strengths can
affect
converter
performance
16
Clock Phase
Control
(global)
Invert DCO
Clock
X
X
X
X
Input clock divider phase adjust
000 = no delay
001 = 1 input clock cycle
010 = 2 input clock cycles
011 = 3 input clock cycles
100 = 4 input clock cycles
101 = 5 input clock cycles
110 = 6 input clock cycles
0x00
On devices
that utilize
global clock
divide, allows
selection of
clock delays
into the
dividerb.
18
Vref Select
(global)
Reference Voltage
Selection
00 = 1.25V pk-pk
01 = 1.5V pk-pk
10 = 1.75V pk-pk
11 = 2.0V pk-pk (default)
X
X
X
X
X
X
0x30
24
BIST Signature
lsb (local)
BIST Signature [7:0]
0x00
Read Only
25
BIST Signature
msb (local)
BIST Signature [15:8]
0x00
Read Only
100
Synch_Control
(global)
PM Sync
Enable
X
X
X
X
Clock
Divider
Next
Sync
Only
Clock
Divider
Sync
Enable
Master
Sync
Enable
0x00
104
Fast Detect
Control (local)
X
X
X
X
Fast Detect Mode Select [2:0]
Enable
Fast
Detect
0x00
105
Coarse Upper
Threshold (local)
X
X
X
X
X
Coarse Upper Threshold [2:0]
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com