Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9627PCB Datasheet(PDF) 29 Page - Analog Devices

Part # AD9627PCB
Description  12-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9627PCB Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9627PCB Datasheet HTML 25Page - Analog Devices AD9627PCB Datasheet HTML 26Page - Analog Devices AD9627PCB Datasheet HTML 27Page - Analog Devices AD9627PCB Datasheet HTML 28Page - Analog Devices AD9627PCB Datasheet HTML 29Page - Analog Devices AD9627PCB Datasheet HTML 30Page - Analog Devices AD9627PCB Datasheet HTML 31Page - Analog Devices AD9627PCB Datasheet HTML 32Page - Analog Devices AD9627PCB Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
Preliminary Technical Data
AD9627
Rev. PrA | Page 29 of 40
BUILT-IN SELF-TEST (BIST) AND OUTPUT TEST
The AD9627 includes built-in test features to enable verification
of the integrity of each channel as well as to facilitate board level
debugging. A BIST (built-in self-test) feature is included which
verifies the integrity of the digital data path of the AD9627.
Various output test options are also provided to place
predictable values on the outputs of the AD9627.
BUILT IN SELF TEST (BIST)
The BIST is a thorough test of the digital portion of the selected
AD9627 signal path. When enabled, the test runs from a user
selectable internal source (PN or sine) through the digital data
path starting at the ADC block output. The BIST sequence will
run for 256 cycles and stop. The BIST signature value for
channel A or B will be placed in registers 0x024 and 0x025. If
one channel is chosen, its BIST signature is written to the two
registers. If both channels are chosen, the two channels’ results
are XOR’ed and placed in the BIST signature register. The
outputs are not disconnected during this test, so the PN
sequence can be observed as it runs. The PN sequence can be
continued from its last value or start from the beginning based
on the value programmed in register 0x00E bit 2. The BIST
signature result will vary based on the channel configuration.
OUTPUT TEST MODES
The output test options are shown in table x.x. When an output
test mode is enabled, the analog section of the ADC is
disconnected from the digital backend blocks and the test
pattern is run through the output formatting block. As
indicated in table x.x some of the test patterns are subject to
output formatting and some are not. The seed value for the PN
sequence tests can be forced if the PN reset bits are used to hold
the generator in reset mode by setting bits 4 or 5 of register
0x0D. These tests can be performed with or without an analog
signal, but do require an encode clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com