Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9627PCB Datasheet(PDF) 9 Page - Analog Devices

Part # AD9627PCB
Description  12-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9627PCB Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9627PCB Datasheet HTML 5Page - Analog Devices AD9627PCB Datasheet HTML 6Page - Analog Devices AD9627PCB Datasheet HTML 7Page - Analog Devices AD9627PCB Datasheet HTML 8Page - Analog Devices AD9627PCB Datasheet HTML 9Page - Analog Devices AD9627PCB Datasheet HTML 10Page - Analog Devices AD9627PCB Datasheet HTML 11Page - Analog Devices AD9627PCB Datasheet HTML 12Page - Analog Devices AD9627PCB Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Preliminary Technical Data
AD9627
Rev. PrA | Page 9 of 40
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Table 7. LFCSP Parallel CMOS Pin Configuration (Top View)
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
SDIO/DCS
SENSE
VREF
SMI SDO/
OEB
VIN+A
VIN-A
CML
AVDD
VIN-B
VIN+B
RBIAS
AVDD
SMI SCLK/
PDWN
SMI SDFS
AVDD
D4B
D5B
D6B
D7B
D2A
D1A
D0A (LSB)
NC
NC
DCOA
DCOB
D11B (MSB)
D10B
D9B
D8B
DRVDD
SCLK/DFS
Parallel CMOS
Top View
(not to scale)
Table 8. Pin Function Descriptions (Parallel CMOS Mode)
Pin No.
Mnemonic
Type
Function
20, 64
DRGND
Gnd
Digital Output Ground
1, 21
DRVDD
Supply
Digital Output Driver Supply (1.8V to 3.3V)
24, 57
DVDD
Supply
Digital Power Supply (1.8V Nominal)
36, 45, 46
AVDD
Supply
Analog Power Supply (1.8V Nominal)
0
AGND
Gnd
Analog Ground (Pin 0 is the exposed thermal pad on the bottom of the package)
12, 13, 58, 59
NC
Do Not Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com