Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1582 Datasheet(PDF) 1 Page - Sipex Corporation

Part # AS1582
Description  3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

AS1582 Datasheet(HTML) 1 Page - Sipex Corporation

  AS1582 Datasheet HTML 1Page - Sipex Corporation AS1582 Datasheet HTML 2Page - Sipex Corporation AS1582 Datasheet HTML 3Page - Sipex Corporation AS1582 Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. 10/2/00
AS1582
3A Ultra Low Dropout Voltage Regulator
Fast Response, Adjustable & Fixed
FEATURES
APPLICATIONS
• Low Dropout Voltage 500mV at 3A Full Load Current
• 3.3V to 2.8V ATX Power Supplies
• Fixed Output Voltages of 3.3V, 2.8V & 2.5V
• 3.3V to 2.9V for Portable PENTIUM
 Processor
• Adjustable Output Down to 1.2V from ATX Power Supply
• 5V to 3.5V VRE Supply
• Extremely Tight Voltage and Line Regulation
• High Efficiency “Green” Computer Systems
• Standard 5-Terminal Low Cost TO-220 & TO-263
PRODUCT DESCRIPTION
The AS1582 is a 3A Low Dropout Regulator with extremely low dropout voltage. The adjustable version requires only two external
resistors to set the output voltage. The fixed version has a preset output of 3.3V, 2.8V or 2.5V and does not require any external
resistors. The AS1582 features a low dropout of less than 400mV(typ.) and offers fast transient response. This device is suitable for
Pentium applications requiring 2.8V or 2.5V from 3.3V ATX power supplies, where a low current input voltage 1V greater than
the output voltage is needed. With an external sense pin the load regulation is less than 1mV. This device is an excellent choice for
the use in powering low voltage microprocessors that require a lower dropout, fast transient response to regulate from 3.3V and 5V
supplies. The AS1582 is also an excellent choice as a post regulator for switching supplies applications.
The AS1582 offers full protection against over-current faults, reversed input polarity, over temperature operation and positive and
negative transient voltage.
The AS1582 is offered in a 5 pin TO-220 and TO-263 compatible with industry standard 5-terminal regulators. For 7A, 5A and 1.5A
ultra low dropout versions refer to AS1580, AS1581 and AS1583 data sheets respectively.
ORDERING INFORMATION
TO-22O
5-PIN
TO-263
5-PIN
OUTPUT
AS1582U
AS1582T
Adjustable
AS1582U-X
AS1582T-X
Fixed
Consult with factory for other fixed output voltages.
X= Output Voltage (3.3V, 2.8V or 2.5V)
PIN CONNECTIONS
TO-263-5 (T)
Top View
45
AS1582
12 3
1. SENSE
2. ADJ or FIXED
3. V
OUT
4. V
CTRL
5. V
IN
TO-220-5 (U)
Front View
5
4
3
2
1
AS1582
1. SENSE
2. ADJ or FIXED
3. V
OUT
4. V
CTRL
5. V
IN


Similar Part No. - AS1582

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS158-59 ALPHA-AS158-59 Datasheet
46Kb / 2P
GaAs IC High Linearity Positive Control SPDT Switch DC-2.5 GHz
logo
Alpha & Omega Semicondu...
AS1581 AOSMD-AS1581 Datasheet
287Kb / 4P
5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable Fixed
AS1581T AOSMD-AS1581T Datasheet
287Kb / 4P
5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable Fixed
AS1581T-X AOSMD-AS1581T-X Datasheet
287Kb / 4P
5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable Fixed
AS1581U-X AOSMD-AS1581U-X Datasheet
287Kb / 4P
5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable Fixed
More results

Similar Description - AS1582

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1085 SIPEX-SPX1085 Datasheet
195Kb / 7P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1580 SIPEX-SPX1580 Datasheet
148Kb / 5P
7A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582 SIPEX-SPX1582 Datasheet
147Kb / 5P
3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1583 SIPEX-SPX1583 Datasheet
147Kb / 5P
1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1582 SIPEX-SPX1582 Datasheet
56Kb / 7P
3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2830 SIPEX-AS2830 Datasheet
149Kb / 6P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1582T5-L-TR SIPEX-SPX1582T5-L-TR Datasheet
210Kb / 7P
3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
logo
Alpha & Omega Semicondu...
AS1581 AOSMD-AS1581 Datasheet
287Kb / 4P
5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable Fixed
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com