Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2602CPZ-R21 Datasheet(PDF) 5 Page - Analog Devices

Part # SSM2602CPZ-R21
Description  Low Power Audio Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2602CPZ-R21 Datasheet(HTML) 5 Page - Analog Devices

  SSM2602CPZ-R21 Datasheet HTML 1Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 2Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 3Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 4Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 5Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 6Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 7Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 8Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Preliminary Technical Data
SSM2602
Rev. PrB | Page 5 of 28
TIMING CHARACTERISTICS
Table 4.
Limit
Parameter
tMIN
tMAX
Unit
Description
fSCLK
0
550
kHz
SCLK frequency
tSCLKPL
1.3
μs
SCLK low pulse width
tSCLKPH
600
ns
SCLK high pulse width
tSCH
600
ns
Hold time (start condition)
tSCS
600
ns
Setup time (start condition)
tDS
100
ns
Data setup time
tSDIN-SCLKR
300
ns
SDIN, SCLK rise time
tSDIN-SCLKF
300
ns
SDIN, SCLK fall time
tHCS
600
ns
Setup time (hold condition)
tDH
900
ns
Data hold time
TIMING DIAGRAMS
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com