Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2602CPZ-R21 Datasheet(PDF) 20 Page - Analog Devices

Part # SSM2602CPZ-R21
Description  Low Power Audio Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2602CPZ-R21 Datasheet(HTML) 20 Page - Analog Devices

Back Button SSM2602CPZ-R21 Datasheet HTML 16Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 17Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 18Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 19Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 20Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 21Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 22Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 23Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
SSM2602
Preliminary Technical Data
Rev. PrB | Page 20 of 28
LEFT-CHANNEL DAC VOLUME, ADDRESS 0x02
Table 15. Left-Channel DAC Volume Register Bit Map
D8
D7
D6
D5
D4
D3
D2
D1
D0
LRHPBOTH
LZCEN
LHPVOL [6:0]
Table 16. Descriptions of Left-Channel DAC Volume Register Bits
Bit Name
Description
Settings
LRHPBOTH
Right-channel headphone volume update
0 = store LHPVOL in intermediate latch (default)
1 = update left- and right-channel gains
LZCEN
Left-channel zero cross detect enable
0 = disable (default)
1 = enable
LHPVOL [6:0]
Left-channel headphone volume control
000 0000 to 010 1111 = mute
011 0000 = −73 dB
…
111 1001 = 0 dB (default)
… 1 dB steps down to
111 1111 = +6 dB
RIGHT-CHANNEL DAC VOLUME, ADDRESS 0x03
Table 17. Right-Channel DAC Volume Register Bit Map
D8
D7
D6
D5
D4
D3
D2
D1
D0
RLHPBOTH
RZCEN
RHPVOL [6:0]
Table 18. Descriptions of Right-Channel DAC Volume Register Bits
Bit Name
Description
Settings
RLHPBOTH
Right-channel headphone volume update
0 = store RHPVOL in intermediate latch (default)
1 = update left- and right-channel gains
RZCEN
Right-channel zero cross detect enable
0 = disable (default)
1 = enable
RHPVOL [6:0]
Right-channel headphone volume control
000 0000 to 010 1111 = mute
011 0000 = −73 dB
…
111 1001 = 0 dB (default)
… 1 dB steps down to
111 1111 = +6 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com