Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2602CPZ-R21 Datasheet(PDF) 10 Page - Analog Devices

Part # SSM2602CPZ-R21
Description  Low Power Audio Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2602CPZ-R21 Datasheet(HTML) 10 Page - Analog Devices

Back Button SSM2602CPZ-R21 Datasheet HTML 6Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 7Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 8Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 9Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 10Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 11Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 12Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 13Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
SSM2602
Preliminary Technical Data
Rev. PrB | Page 10 of 28
THEORY OF OPERATION
ADC HIGH-PASS FILTER
DC offset can be removed by using the SSM2602 adjustable
digital high-pass filter (see Table 3 for characteristics).
Digital Filter Characteristics
The ADC and DAC employ separate digital filters.
AUTOMATIC LEVEL CONTROL (ALC)
Codec has an automatic level control that aims to keep a constant
recording volume irrespective of the input signal level. This is
achieved by continuously adjusting the PGA gain so that the
signal level at the ADC input remains constant. A digital peak
detector monitors the ADC output and changes the PGA gain if
necessary.
Decay (Gain Ramp-Up) Time
This is the time for the PGA gain to ramp up through 90% of its
range. The time for the recording level to return to its target value
therefore depends on both the decay time and the gain adjustment
required. If the gain adjustment is small, the time to return to
the target value will be less than the decay time.
Attack (Gain Ramp-Down) Time
This is the time for the PGA gain to ramp down through 90% of
its range. The time for the recording level to return to its target
value therefore depends on both the attack time and the gain
adjustment required. If the gain adjustment is small, the time
to return to the target value will be less than the attack time.
INPUT SIGNAL
PGA
SIGNAL
AFTER
ALC
DECAY TIME
ALC TARGET
VALUE
ATTACK TIME
Figure 13. PGA and ALC Decay Time and Attack Time Definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com