Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2602CPZ-R21 Datasheet(PDF) 16 Page - Analog Devices

Part # SSM2602CPZ-R21
Description  Low Power Audio Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2602CPZ-R21 Datasheet(HTML) 16 Page - Analog Devices

Back Button SSM2602CPZ-R21 Datasheet HTML 12Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 13Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 14Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 15Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 16Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 17Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 18Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 19Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
SSM2602
Preliminary Technical Data
Rev. PrB | Page 16 of 28
Connection under chip
CSB
SDIN
SCLK
DACLRC
DACDAT
ADCDAT
ADCLRC
BCLK
+3.3V_VAA
+3.3V_VAA
+3,3V_VDD
J4
BNC
1
C12
1uF
R4
NC
+
C21
10uF
R12
100
C26
220PF
C13
1uF
+
C3
10uF
C5
220PF
C27
220PF
C14
220uF
R6
NC
L1
FB
C20
0.1uF
C7
22pF
C11
220PF
C15
220uF
R8
0
C1
1uF
R13
47K
U1
SSM2602KCPZ
24
23
21
22
9
8
10
11
7
25
26
27
28
1
2
17
16
13
14
6
20
L_LINE_IN
R_LINE_IN
MIC_BIAS
MIC_IN
DACLRC
DACDAT
ADCDAT
ADCLRC
BCLK
MODE
CSB
SDIN
SCLK
MCLK/XTI
POR/XTO
ROUT
LOUT
LHP_OUT
RHP_OUT
INT/CLKOUT
VMID
R15
47K
C24
0.1uF
J5
BNC
1
C2
1uF
L2
FB
R9
47K
C10
1uF
R1
0
J2
R
1
+
C18
10uF
C4
220PF
C6
0.1uF
J7
MIC_IN
1
R7
680
C23
0.1uF
+
C22
10uF
R11
100
R2
NC
R10
47K
C8
22pF
R5
100K
C19
0.1uF
R14
47K
J6
PHONEJACK STEREO SW
1
2
3
4
5
Y1
12.288MHz
R3
0
+
C25
10uF
J1
L
1
SPI[0..2]
I2S[0..4]
Figure 23. SSM2602 Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com