Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2602CPZ-R21 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2602CPZ-R21
Description  Low Power Audio Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2602CPZ-R21 Datasheet(HTML) 1 Page - Analog Devices

  SSM2602CPZ-R21 Datasheet HTML 1Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 2Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 3Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 4Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 5Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 6Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 7Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 8Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Low Power Audio Codec
Preliminary Technical Data
SSM2602
Rev. PrB
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Stereo, 24-bit analog-to-digital and digital-to-analog converters
DAC SNR: 98 dB (A-weighted), THD: −80 dB at 48 kHz, 3.3 V
ADC SNR: 90 dB (A-weighted), THD: −80 dB at 48 kHz, 3.3 V
Highly efficient headphone amplifier
Complete stereo/mono or microphone/line interface
Low power
7 mW stereo playback (1.8 V/1.8 V supplies)
14 mW record and playback (1.8 V/1.8 V supplies)
Low supply voltages
Analog: 1.8 V to 3.6 V
Digital core: 1.8 V to 3.6 V
Digital I/O: 1.8 V/3.6 V
256 fS/384 fS or USB master clock rate: 12 MHz, 24 MHz
Audio sample rates: 8 kHz,16 kHz, 32 kHz, 44.1 kHz, 48 kHz,
88.2 kHz, and 96 kHz
28-lead, 5 mm × 5 mm LFCSP (QFN) package
APPLICATIONS
Mobile phones
MP3 players
Portable gaming
Portable electronics
Educational toys
GENERAL DESCRIPTION
The SSM2602 is a low power, high quality stereo audio codec
for portable digital audio applications with stereo programmable
gain amplifier (PGA) line and monaural microphone inputs. It
features two 24-bit analog-to-digital converter (ADC) channels
and two 24-bit digital-to-audio (DAC) converter channels.
The SSM2602 can operate as a master or a slave. It offers
various master clock frequencies, including 12 MHz or 24 MHz
for USB devices; standard 256 fS rates, such as 12.288 MHz and
24.576 MHz; and many common audio-sampling rates, such as
96 kHz, 88.2 kHz, 48 kHz, 44.1 kHz, 32 kHz, 16 kHz, and 8 kHz.
The SSM2602 can operate at power supplies as low as 1.8 V for
the analog circuitry and 1.5 V for the digital circuitry. The
maximum voltage supply is 3.6 V for all supplies.
The SSM2602 software-programmable output options provide
the user with many application options, such as speaker driver,
headphone driver, or both. Its volume control functions provide
a large range of gain control of the audio signal.
The SSM2602 is specified over the industrial temperature range
of −40°C to +85°C. It is available in a 28-lead, 5 mm × 5 mm
lead frame chip scale package (LFCSP).
FUNCTIONAL BLOCK DIAGRAM
AVDD
VMID
AGND
DBVDD DGND DCVDD
HPVDD PGND
MICBIAS
RHPOUT
ROUT
MICIN
DIGITAL
PROCESSOR
RLINEIN
MUX
ADC
LLINEIN
MUX
ADC
DAC
DAC
LOUT
LHPOUT
ATTEN
ATTEN
ATTEN
ATTEN
CLK
MCLK/
XTI
XTO CLKOUT
CONTROL INTERFACE
MODE CSB
SDIN SCLK
DIGITAL AUDIO INTERFACE
DACDAT ADCDAT BCLK DACLRC ADCLRC
BYPASS/MUTE 3dB STEP
–34.5dB~+33dB,
1.5dB STEP
14dB/34dB
–34.5dB~+33dB,
1.5dB STEP
–73dB~+6dB,
1dB STEP
–73dB~+6dB,
1dB STEP
6dB~15dB/MUTE 3dB STEP
6dB~15dB/MUTE 3dB STEP
BYPASS/MUTE 3dB STEP
SSM2602
Figure 1.


Similar Part No. - SSM2602CPZ-R21

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2602CPZ-R2 AD-SSM2602CPZ-R2 Datasheet
659Kb / 32P
Low Power Audio Codec
REV. 0
More results

Similar Description - SSM2602CPZ-R21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE3006 ETC-XE3006 Datasheet
465Kb / 32P
Low-Power Audio CODEC
logo
Analog Devices
SSM2602 AD-SSM2602_08 Datasheet
659Kb / 32P
Low Power Audio Codec
REV. 0
SSM2604 AD-SSM2604 Datasheet
490Kb / 28P
Low Power Audio Codec
REV. 0
SSM2603 AD-SSM2603_17 Datasheet
585Kb / 33P
Low Power Audio Codec
Rev. C
SSM2604 AD-SSM2604_17 Datasheet
490Kb / 29P
Low Power Audio Codec
Rev. A
SSM2603 AD-SSM2603_18 Datasheet
504Kb / 31P
Low Power Audio Codec
7/2018-Rev. C to Rev. D
SSM2604 AD-SSM2604_18 Datasheet
439Kb / 28P
Low Power Audio Codec
8/2018-Rev. A to Rev. B
logo
Suzhou Everest Semicond...
ES8316 EVEREST-ES8316 Datasheet
693Kb / 12P
Low Power Audio CODEC
ES8388S EVEREST-ES8388S Datasheet
855Kb / 29P
Low Power Audio CODEC
ES8323S EVEREST-ES8323S Datasheet
857Kb / 28P
Low Power Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com