Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2602CPZ-R21 Datasheet(PDF) 21 Page - Analog Devices

Part # SSM2602CPZ-R21
Description  Low Power Audio Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2602CPZ-R21 Datasheet(HTML) 21 Page - Analog Devices

Back Button SSM2602CPZ-R21 Datasheet HTML 17Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 18Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 19Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 20Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 21Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 22Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 23Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 24Page - Analog Devices SSM2602CPZ-R21 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Preliminary Technical Data
SSM2602
Rev. PrB | Page 21 of 28
ANALOG AUDIO PATH, ADDRESS 0x04
Table 19. Analog Audio Path Register Bit Map
D8
D7
D6
D5
D4
D3
D2
D1
D0
MICBOOST2
SIDETONE_ATT [1:0]
SIDETONE_EN
DACSEL
BYPASS
INSEL
MUTEMIC
MICBOOST
Table 20. Descriptions of Analog Audio Path Register Bits
Bit Name
Description
Settings
MICBOOST2
Additional microphone amplifier gain booster control
0 = 0 dB (default)
1 = 20 dB
SIDETONE_ATT [1:0]
Microphone sidetone gain control
00 = −6 dB (default)
01 = −9 dB
10 = −12 dB
11 = −15 dB
SIDETONE_EN
0 = sidetone disable (default)
1 = sidetone enable
DACSEL
DAC select
0 = do not select DAC (default)
1 = select DAC
BYPASS
Line input bypass to line output
0 = bypass disable
1 = bypass enable (default)
INSEL
Microphone/line level boost
0 = microphone input select to ADC (default)
1 = line input select to ADC
MUTEMIC
Microphone mute control
0 = mute disable
1 = mute enable (default)
MICBOOST
Primary microphone amplifier gain booster control
0 = 0 dB (default)
1 = 20 dB
DIGITAL AUDIO PATH CONTROL, ADDRESS 0x05
Table 21. Digital Audio Path Control Register Bit Map
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
HPOR
DACMU
DEEMPH [1:0]
ADCHPD
Table 22. Descriptions of Digital Audio Path Control Register Bits
Bit Name
Description
Settings
HPOR
Store dc offset when high-pass filter is disabled
0 = store offset disable (default)
1 = store offset enable
DACMU
DAC digital mute
0 = no mute (signal active)
1 = mute (default)
DEEMPH [1:0]
De-emphasis control
00 = no de-emphasis (default)
01 = 32 kHz sampling rate
10 = 44.1 kHz sampling rate
11 = 48 kHz sampling rate
ADCHPD
ADC high-pass filter control
0 = ADC high-pass filter disable (default)
1 = ADC high-pass filter enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com