Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3950 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3950
Description  Color LED Driver with Audio Synchronizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3950 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LP3950 Datasheet HTML 18Page - National Semiconductor (TI) LP3950 Datasheet HTML 19Page - National Semiconductor (TI) LP3950 Datasheet HTML 20Page - National Semiconductor (TI) LP3950 Datasheet HTML 21Page - National Semiconductor (TI) LP3950 Datasheet HTML 22Page - National Semiconductor (TI) LP3950 Datasheet HTML 23Page - National Semiconductor (TI) LP3950 Datasheet HTML 24Page - National Semiconductor (TI) LP3950 Datasheet HTML 25Page - National Semiconductor (TI) LP3950 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Audio Synchronization (Continued)
MODE CONTROL IN THE FREQUENCY MODE
During the frequency mode (SYNC_MODE = 1) the user can
select between two filter options by MODE_CTRL[1:0] as
shown below (Figure 19). User can select the filters based
on the music type and light effect requirements. Filter op-
tions:
Left
figure,
wide
frequency
response;
MODE_CTRL[1:0] is set to [00], [10] or [11]. Right figure,
narrow frequency response: MODE_CTRL[1:0] set to [01].
Signal passed through the lowpass filter is used to control
the duty cycle of red LEDs (R1 and/or R2 PWM outputs), the
signal passed through the bandpass filter is used to control
green LEDs (G1 and/or G2 PWM outputs) and high pass
signal controls blue LEDs (B1 and/or B2 PWM outputs).
Finally, the user can select the desired mapping speed by
SPEED_CTRL[1:0]. Of course, the user can connect any
color LED to any output in his/her own application (i.e. the
red output does not need to drive a red LED). Maximum duty
cycle is
A100% as in the Flash mode (not 33% as in the
normal mode of the pattern generator, which is described in
Table RGB LED PWM Control ).
20129328
FIGURE 18. LP3950 Audio Synchronization Functionality
20129333
20129334
FIGURE 19. Cross-over Frequencies. Left: Wide Frequency Response. Right: Narrow Frequency Response
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com