Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3950 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3950
Description  Color LED Driver with Audio Synchronizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3950 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP3950 Datasheet HTML 1Page - National Semiconductor (TI) LP3950 Datasheet HTML 2Page - National Semiconductor (TI) LP3950 Datasheet HTML 3Page - National Semiconductor (TI) LP3950 Datasheet HTML 4Page - National Semiconductor (TI) LP3950 Datasheet HTML 5Page - National Semiconductor (TI) LP3950 Datasheet HTML 6Page - National Semiconductor (TI) LP3950 Datasheet HTML 7Page - National Semiconductor (TI) LP3950 Datasheet HTML 8Page - National Semiconductor (TI) LP3950 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V (SW, FB, R1–2, G1–2, B1–2)
(Notes 3, 4)
−0.3V to +7.2V
V
DD1,VDD2,VDDIO,VDDA
−0.3V to +6.0V
Voltage on ASE, AD1, AD2
−0.3V to
V
DD1 +0.3V with 6.0V max
Voltage on Logic Pins
−0.3V to V
DD_IO
+0.3V with 6.0V max
I (R1, G1, B1, R2, G2, B2)
(Note 5)
150 mA
I(V
REF)10 µA
Continuous Power Dissipation
(Note 6)
Internally Limited
Junction Temperature (T
J-MAX)
125˚C
Storage Temperature Range
−65˚C to +150˚C
Maximum Lead Temperature
260˚C
(Reflow soldering, 3 times) (Note 7)
ESD Rating (Note 8)
Human Body Model:
2 kV
Machine Model:
200V
Operating Ratings (Notes 1, 2)
V (SW, FB, R1–2, G1–2, B1–2)
0V to 6.0V
V
DD1,VDD2,VDDA (Note 4)
2.7V to 2.9V
V
DDIO
1.65V to V
DD1,2 V
Voltage on ASE, AD1, AD2
0.1V to V
DD1 - 0.1V
Recommended Load Current
0 mA to 300 mA
Junction Temperature (T
J) Range
−40˚C to +125˚C
Ambient Temperature (T
A) Range
(Note 9)
−40˚C to +85˚C
Thermal Properties
Junction-to-Ambient Thermal Resistance
72˚C/W
(
θ
JA), SLD32A Package (Note 10)
Electrical Characteristics (Notes 2, 11)
Limits in standard typeface are for T
J = +25˚C. Limits in boldface type apply over the operating ambient temperature range
(−40˚C
≤ T
A
≤ +85˚C). Unless otherwise noted, specifications apply to Figure 1 with: V
DD1 =VDD2 =VDDA = 2.8V, CVDD1 =
C
VDD2 =CVDDA =CVDDIO = 100 nF, COUT =CIN = 10 µF, CVREF = 100 nF, L1 = 4.7 µH and fBOOST = 2.0 MHz (Note 12).
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
VDD
Standby Supply Current
(V
DD1 +VDD2 +VDDA current)
NSTBY = L (register)
SCK, SS, SI, NRST = H
1
5
µA
No-Load Supply Current
(V
DD1 +VDD2 +VDDA current, boost
off)
NSTBY = H (reg.)
EN_BOOST = L (reg.)
SCK, SS, SI, NRST = H
300
400
µA
Full Load Supply Current
(V
DD1 +VDD2 +VDDA current, boost
on)
(Note 13)
NSTBY = H (reg.)
EN_BOOST = H (reg.)
SCK, SS, SI, NRST = H
All Outputs Active
850
µA
I
VDDIO
V
DDIO Supply Current
1.0 MHz SCK Frequency
C
L =50pFatSOPin
20
µA
I
VDDA
Audio Circuitry Supply Current
(Note 14)
INPUT_SEL = [10] (register)
550
µA
V
REF
Reference Voltage(Note 15)
I
REF
≤ 1.0 nA Only for Test
Purpose
1.230
V
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under which operation of
the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the
Electrical Characteristics tables.
Note 2: All voltages are with respect to the potential at the GND pins (GND1–3, GND_BOOST, GND_RGB, GNDA).
Note 3: Battery/Charger voltage should be above 6.0V no more than 10% of the operational lifetime.
Note 4: Voltage tolerance of LP3950 above 6.0V relies on fact that VDD1,VDD2 and VDDA (2.8V) are available (ON) at all conditions. If VDD1,VDD2 and VDDA are
not available (ON) at all conditions, National Semiconductor does not guarantee any parameters or reliability for this device. Also, VDD1,VDD2 and VDDA must be
at the same electric potential.
Note 5: The total load current of the boost converter should be limited to 300 mA.
Note 6: Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 160˚C (typ.) and disengages at TJ =
140˚C (typ.).
Note 7: For detailed package and soldering specifications and information, please refer to National Semiconductor Application Note 1125: Laminate CSP/FBGA.
Note 8: The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF capacitor discharged
directly into each pin. MIL-STD-883 3015.7
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com