Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3950 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3950
Description  Color LED Driver with Audio Synchronizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3950 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LP3950 Datasheet HTML 13Page - National Semiconductor (TI) LP3950 Datasheet HTML 14Page - National Semiconductor (TI) LP3950 Datasheet HTML 15Page - National Semiconductor (TI) LP3950 Datasheet HTML 16Page - National Semiconductor (TI) LP3950 Datasheet HTML 17Page - National Semiconductor (TI) LP3950 Datasheet HTML 18Page - National Semiconductor (TI) LP3950 Datasheet HTML 19Page - National Semiconductor (TI) LP3950 Datasheet HTML 20Page - National Semiconductor (TI) LP3950 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
Programmable Pattern Mode
(Continued)
RGB Driver Characteristics
(R1, G1, B1, R2, G2, B2 outputs). Limits in standard typeface are for T
J = +25˚C. Limits in boldface type apply over the oper-
ating ambient temperature range (−40˚C
≤ T
A
≤ +85˚C).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
R
DS-ON
ON Resistance
3.5
6.0
Ω
I
LEAKAGE
Off State Leakage Current
V
FB = 5.0V, LED driver off
0.03
1.0
µA
t
SMAX
Maximum Slope Period
At Maximum Duty Setting
0.93
s
t
SMIN
Minimum Slope Period
At Maximum Duty Setting
31
ms
t
SRES
Slope Resolution
At Maximum Duty Setting
62
ms
t
START/STOP
Start/Stop Resolution
Cycle 1.0s
1/16
s
Duty
Duty Step Size
1/16
t
BLINK
Blinking Cycle Accuracy
−6
±3+6
%
D
CYCF
Duty Cycle Range
EN_FLASH = 1
0
99.6
%
D
CYC
Duty Cycle Range
EN_FLASH = 0
0
33.2
%
D
RESF
Duty Resolution
EN_FLASH = 1 (4-bit)
6.64
%
D
RES
Duty Resolution
EN_FLASH = 0 (4-bit)
2.21
%
f
PWMF
PWM Frequency
EN_FLASH = 1
20
kHz
f
PWM
PWM Frequency
EN_FLASH = 0
6.67
kHz
RGB LED PWM Control (Note 17)
RDUTY[3:0]
GDUTY[3:0]
BDUTY[3:0]
DUTY sets the brightness of the LED by adjusting the duty cycle of the PWM driver. The minimum DUTY
cycle is 0% [0000] and the maximum in the flash mode is
A 100% [1111]. The peak pulse current is
determined by the external resistor, LED forward voltage drop and the boost voltage. In the normal mode
the maximum duty cycle is 33%.
RSLOPE[3:0]
GSLOPE[3:0]
BSLOPE[3:0]
SLOPE sets the turn-on and turn-off slopes. Fastest slope is set by [0000] and slowest by [1111]. SLOPE
changes the duty cycle at constant, programmable rate. For each slope setting the maximum slope time
appears at maximum DUTY setting. When DUTY is reduced, the slope time decreases proportionally. For
example, in case of maximum DUTY, the sloping time can be adjusted from 31 ms [0000] to 930 ms
[1111]. For DUTY [0111] the sloping time is 14 ms [0000] to 434 ms [1111]. The blinking cycle has no
effect on SLOPE.
RON[3:0]
GON[3:0]
BON[3:0]
ON sets the beginning time of the turn-on slope. The on-time is relative to the selected blinking cycle
length. On-setting N (N = 0–15) sets the on-time to N/16 * cycle length.
20129326
FIGURE 14. Example Blinking Waveforms
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com