Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3950 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3950
Description  Color LED Driver with Audio Synchronizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3950 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button LP3950 Datasheet HTML 19Page - National Semiconductor (TI) LP3950 Datasheet HTML 20Page - National Semiconductor (TI) LP3950 Datasheet HTML 21Page - National Semiconductor (TI) LP3950 Datasheet HTML 22Page - National Semiconductor (TI) LP3950 Datasheet HTML 23Page - National Semiconductor (TI) LP3950 Datasheet HTML 24Page - National Semiconductor (TI) LP3950 Datasheet HTML 25Page - National Semiconductor (TI) LP3950 Datasheet HTML 26Page - National Semiconductor (TI) LP3950 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
Audio Synchronization (Continued)
MODE CONTROL IN THE AMPLITUDE MODE
During the amplitude synchronization mode (SYNC_MODE
= 0) the user can select between three different amplitude
mappings by using MODE_CTRL[1:0] select. These three
mapping options give different light responses as shown in
Figure 20. Again, the user can select the desired mapping
speed by SPEED_CTRL[1:0]. Maximum duty cycle is
A100%. If MODE_CTRL[1:0] = 11 and SYNC_MODE = 0,
audio synchronization is inactive.
MODE CONTROL IN THE DEFAULT MODE
One of the main benefits of LP3950 is the default mode,
which enables user to build applications without I
2CorSPI
control. The LP3950 is set to the default mode when DME
pin is high. DME pin high –state forces registers NSTBY and
EN_SYNC to the high [1] state so that the start-up sequence
get started (see start-up sequence on Section Modes of
Operation ). Function of LP3950 in the default mode of
operation is controlled by AMODE pin. If AMODE is pulled
low the LP3950 is in the amplitude synchronization mode. If
the AMODE pin is pulled high the LP3950 is in the frequency
synchronization mode. In the default mode default control
register values are used, see Table LP3950 Control Register
Names and Default Values. Please refer to Figure 22 on
Typical Applications section at the end of this document for
wiring.
RGB OUTPUT SELECTOR
The usage of RGB outputs (RGB1 and RGB2) can be se-
lected with RGB_SEL[1:0] control bits. Audio synchroniza-
tion and RGB pattern generator output can be connected to
RGB ports as shown in the following table.
20129338
MODE_CTRL[1:0] = [00] = MODE0
20129339
MODE_CTRL[1:0] = [01] = MODE1
20129340
MODE_CTRL[1:0] = [10] = MODE2
Note 18: This figure is for illustrating purpose only and does not necessarily
represent the accurate function of the circuit.
FIGURE 20. Amplitude Synchronization Mapping Options
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com