Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3950 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3950
Description  Color LED Driver with Audio Synchronizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3950 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LP3950 Datasheet HTML 9Page - National Semiconductor (TI) LP3950 Datasheet HTML 10Page - National Semiconductor (TI) LP3950 Datasheet HTML 11Page - National Semiconductor (TI) LP3950 Datasheet HTML 12Page - National Semiconductor (TI) LP3950 Datasheet HTML 13Page - National Semiconductor (TI) LP3950 Datasheet HTML 14Page - National Semiconductor (TI) LP3950 Datasheet HTML 15Page - National Semiconductor (TI) LP3950 Datasheet HTML 16Page - National Semiconductor (TI) LP3950 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Magnetic Boost DC/DC Converter
The boost DC/DC converter generates a 4.1V–5.3V output voltage to drive LEDs from a single Li-Ion battery (3.0V to 4.5V). The
output voltage is controlled with an eight-bit register in nine steps. The converter is a magnetic switching PWM mode DC/DC
converter with a current limit. The converter has three options for switching frequency, 1.0 MHz, 1.67 MHz and 2.0 MHz (default),
when the timing resistor RT is 82 k
Ω.
The LP3950 boost converter uses an unique pulse-skipping elimination method to stabilize the noise spectrum. Even with light
load or no load a minimum length current pulse is fed to the inductor. An internal active load is used to remove the excess charge
from the output capacitor when needed (Note 16). The boost converter should be disabled when there is no load to avoid idle
current consumption.
The topology of the magnetic boost converter is called CPM control, current programmed mode, where the inductor current is
measured and controlled with the feedback. The output voltage control changes the resistor divider in the feedback loop.
Figure 11 shows the boost topology with the protection circuitry. Four different protection schemes are implemented:
1.
Over voltage protection, limits the maximum output voltage
— Keeps the output below breakdown voltage
— Prevents boost operation if the battery voltage is much higher than desired output
2.
Over current protection, limits the maximum inductor current
— Voltage over switching NMOS is monitored; too high voltages turn the switch off
3.
Feedback (FB) protection for no connection
4.
Duty cycle limit function, done with digital control
Note 16: When the battery voltage is close to the output voltage, the output voltage may rise slightly over programmed value if the load on output is small and
pulse-skipping elimination is active.
Magnetic Boost DC/DC Converter Electrical Characteristics
Limits in standard typeface are for T
J = +25˚C. Limits in boldface type apply over the operating ambient temperature range
(−40˚C
≤ T
A
≤ +85˚C). Unless otherwise noted, specifications apply to Figure 1 with: V
DD1 =VDD2 =VDDA = 2.8V, CVDD1 =
C
VDD2 =CVDDA =CVDDIO = 100 nF, COUT =CIN = 10 µF, CVREF = 100 nF, L1 = 4.7 µH and fBOOST = 2.0 MHz (Note 12).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
LOAD
Load Current
3.0V
≤ V
IN
≤ 4.5V
V
OUT = 5.0V
0
300
mA
V
OUT
Output Voltage Accuracy
(FB Pin)
1.0 mA
≤ I
LOAD
≤ 300 mA
3.0V
≤ V
IN
≤ 4.5V
V
OUT = 5.0V (target value), autoload OFF
−5
+5
%
Output Voltage
(FB Pin)
1.0 mA
≤ I
LOAD
≤ 300 mA
3.0V < V
IN < 5.0V + V(SCHOTTKY),
autoload OFF
5.0
V
1.0 mA
≤ I
LOAD
≤ 300 mA
V
IN > 5V+V(SCHOTTKY)
V
IN–V(SCHOTTKY)
V
20129315
FIGURE 11. Boost Converter Functional Block Diagram
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com