Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3950 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3950
Description  Color LED Driver with Audio Synchronizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3950 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LP3950 Datasheet HTML 4Page - National Semiconductor (TI) LP3950 Datasheet HTML 5Page - National Semiconductor (TI) LP3950 Datasheet HTML 6Page - National Semiconductor (TI) LP3950 Datasheet HTML 7Page - National Semiconductor (TI) LP3950 Datasheet HTML 8Page - National Semiconductor (TI) LP3950 Datasheet HTML 9Page - National Semiconductor (TI) LP3950 Datasheet HTML 10Page - National Semiconductor (TI) LP3950 Datasheet HTML 11Page - National Semiconductor (TI) LP3950 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Logic Interface Characteristics (Continued)
(1.80V
≤ V
DDIO
≤ V
DD1,2V). Limits in standard typeface are for TJ = +25˚C. Limits in boldface type apply over the operating
ambient temperature range (−40˚C
≤ T
A
≤ +85˚C).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LOGIC INPUTS DME, AMODE (Internal pull down 1 M
Ω)
I
I
Logic Input Current
−1.0
6.0
µA
Logic Interface Characteristics, Low I/O Voltage
(1.65V
≤ V
DDIO < 1.80V) . I
2C compatible interface only.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LOGIC INPUTS SCL, PWM_LED, IF_SEL
V
IL
Input Low Level
0.35
V
V
IH
Input High Level
V
DDIO − 0.35
V
I
I
Logic Input Current
−1.0
1.0
µA
f
SCL
Clock Frequency
I
2C Mode
200
kHz
LOGIC I/O SDA
V
OL
Output Low Level
I
SDA = 3.0 mA
0.3
0.5
V
LOGIC INPUTS DME, AMODE (Internal pull down 1 M
Ω)
V
IL
Input Low Level
0.35
V
V
IH
Input High Level
V
DDIO − 0.35
V
I
I
Logic Input Current
−1.0
6.0
µA
Logic Input NRST Characteristics
(1.65V
≤ V
DDIO
≤ V
DD1,2V).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
IL
Input Low Level
0.5
V
V
IH
Input High Level
1.3
V
I
I
Logic Input Current
−1.0
1.0
µA
t
NRST
Reset Pulse Width
Note: Guaranteed by
design
10
µs
Control Interface
The LP3950 supports three different interface modes:
1) SPI interface (4 wire, serial)
2) I
2C compatible interface (2 wire, serial)
3) Direct enable (2 wire, enable lines)
User can define the serial interface by the IF_SEL pin. The
following table shows the pin configuration for both interface
modes. Note that the pin configurations will be based on the
status of the IF_SEL pin.
IF_SEL
Interface
Pin Configuration
Comment
HIGH
SPI
SCK
SI
SO
SS
(clock)
(data in)
(data out)
(chip select)
LOW
I
2C Compatible
SCL
SDA
SI
SO
(clock)
(data in/out)
(I
2 address)
(NC)
Use pull up resistor for SCL.
Use pull up resistor for SDA.
SI HIGH
→ address is 51’h;
SI LOW
→ address is 50’h;
Unused pin SO can be left unconnected.
SPI Interface
The transmission consists of 16-bit write and read cycles.
One cycle consists of seven address bits, one read/write
(R/W) bit and eight data bits. R/W bit high state defines a
write cycle and low defines a read cycle. SO output is
normally in high-impedance state and it is active only during
when data is sent out during a read cycle. A pull-up or
pull-down resistor may be needed for SO line if a floating
logic signal can cause unintended current consumption in
the circuitry.
The address and data are transmitted Most Significant Byte
(MSB) first. The Slave Select signal (SS) must be low during
the cycle transmission. SS resets the interface when high
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com