Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3950SL Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3950SL
Description  Color LED Driver with Audio Synchronizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3950SL Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP3950SL Datasheet HTML 1Page - National Semiconductor (TI) LP3950SL Datasheet HTML 2Page - National Semiconductor (TI) LP3950SL Datasheet HTML 3Page - National Semiconductor (TI) LP3950SL Datasheet HTML 4Page - National Semiconductor (TI) LP3950SL Datasheet HTML 5Page - National Semiconductor (TI) LP3950SL Datasheet HTML 6Page - National Semiconductor (TI) LP3950SL Datasheet HTML 7Page - National Semiconductor (TI) LP3950SL Datasheet HTML 8Page - National Semiconductor (TI) LP3950SL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
Connection Diagrams and Package Mark Information
32-Lead Thin CSP Package, 4.5 x 5.5 x 0.8 mm, 0.5 mm Pitch
See NS Package Number SLD32A
20129302
Top View
20129303
Bottom View
20129304
Note: The actual physical placement of the package marking will vary from part to part. The package marking “XY” designates the date code. “UZ” and “TT” are NSC
internal codes for die manufacturing and assembly traceability. Both will vary considerably.
Package Mark — Top View
Ordering Information
Order Number
Package Marking
Supplied As
LP3950SL
LP3950SL
1000 units, Tape-and-Reel
LP3950SLX
LP3950SL
2500 units, Tape-and-Reel
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com