Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3950SL Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3950SL
Description  Color LED Driver with Audio Synchronizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3950SL Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LP3950SL Datasheet HTML 10Page - National Semiconductor (TI) LP3950SL Datasheet HTML 11Page - National Semiconductor (TI) LP3950SL Datasheet HTML 12Page - National Semiconductor (TI) LP3950SL Datasheet HTML 13Page - National Semiconductor (TI) LP3950SL Datasheet HTML 14Page - National Semiconductor (TI) LP3950SL Datasheet HTML 15Page - National Semiconductor (TI) LP3950SL Datasheet HTML 16Page - National Semiconductor (TI) LP3950SL Datasheet HTML 17Page - National Semiconductor (TI) LP3950SL Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Magnetic Boost DC/DC Converter Electrical Characteristics (Continued)
Limits in standard typeface are for T
J = +25˚C. Limits in boldface type apply over the operating ambient temperature range
(−40˚C
≤ T
A
≤ +85˚C). Unless otherwise noted, specifications apply to Figure 1 with: V
DD1 =VDD2 =VDDA = 2.8V, CVDD1 =
C
VDD2 =CVDDA =CVDDIO = 100 nF, COUT =CIN = 10 µF, CVREF = 100 nF, L1 = 4.7 µH and fBOOST = 2.0 MHz (Note 12).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RDS
ON
Switch ON Resistance
V
DD1,2 = 2.8V, ISW = 0.5A
0.4
0.7
Ω
f
PWF
PWM Mode Switching
Frequency
RT=82k
Ω
freq_sel[2:0] = 1XX
2.0
MHz
Frequency Accuracy
2.7
≤ VDD
1,2
≤ 2.9
−6
±3+6
%
RT=82k
Ω
−9
+9
t
PULSE
Switch Pulse Minimum
Width
No Load
25
ns
t
STARTUP
Startup Time
15
ms
I
CL_OUT
SW Pin Current Limit
700
800
900
mA
500
1000
Boost Standby Mode
User can set the boost converter to STANDBY mode by writing the register bit EN_BOOST low when there is no load to avoid
idle current consumption. When EN_BOOST is written high, the converter starts in PFM (Pulse Frequency Modulation) mode for
10 ms and then goes to PWM (Pulse Width Modulation ) mode. All RGB outputs are off during the 10 ms delay.
Boost Output Voltage Control
User can control the boost output voltage by eight-bit boost output voltage register according to the following table.
BOOST[7:0]
Register 0D’h
BOOST Output
Voltage
(typical)
Binary
Hex
0000 0000
00
4.10
0000 0001
01
4.25
0000 0011
03
4.40
0000 0111
07
4.55
0000 1111
0F
4.70
BOOST[7:0]
Register 0D’h
BOOST Output
Voltage
(typical)
Binary
Hex
0001 1111
1F
4.85
0011 1111
3F
5.00 Default
0111 1111
7F
5.15
1111 1111
FF
5.30
Boost Frequency Control
The register ‘boost frequency’ has address 0C’h. The default value after reset is 07’h. ‘x’ means don’t care.
FREQ_SEL[2:0]
Frequency
1xx
2.00 MHz
01x
1.67 MHz
FREQ_SEL[2:0]
Frequency
001
1.00 MHz
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com