Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3950SL Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3950SL
Description  Color LED Driver with Audio Synchronizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3950SL Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LP3950SL Datasheet HTML 3Page - National Semiconductor (TI) LP3950SL Datasheet HTML 4Page - National Semiconductor (TI) LP3950SL Datasheet HTML 5Page - National Semiconductor (TI) LP3950SL Datasheet HTML 6Page - National Semiconductor (TI) LP3950SL Datasheet HTML 7Page - National Semiconductor (TI) LP3950SL Datasheet HTML 8Page - National Semiconductor (TI) LP3950SL Datasheet HTML 9Page - National Semiconductor (TI) LP3950SL Datasheet HTML 10Page - National Semiconductor (TI) LP3950SL Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
Modes of Operation (Continued)
20129306
Logic Interface Characteristics
(1.80V
≤ V
DDIO
≤ V
DD1,2V). Limits in standard typeface are for TJ = +25˚C. Limits in boldface type apply over the operating
ambient temperature range (−40˚C
≤ T
A
≤ +85˚C).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LOGIC INPUTS SS, SI, SCK/SCL, PWM_LED, IF_SEL
V
IL
Input Low Level
0.5
V
V
IH
Input High Level
V
DDIO − 0.5
V
I
I
Logic Input Current
−1.0
1.0
µA
f
SCL
Clock Frequency
I
2C Mode
400
kHz
SPI Mode
8
MHz
LOGIC OUTPUT SO
V
OL
Output Low Level
I
SO = 3.0 mA
0.3
0.5
V
V
OH
Output High Level
I
SO = −3.0 mA
V
DDIO − 0.5
V
DDIO − 0.3
V
I
L
Output Leakage Current
V
SO = 2.8V
1.0
µA
LOGIC I/O SDA
V
OL
Output Low Level
I
SDA = 3.0 mA
0.3
0.5
V
LOGIC INPUTS DME, AMODE (Internal pull down 1 M
Ω)
V
IL
Input Low Level
0.5
V
V
IH
Input High Level
V
DDIO − 0.5
V
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com