Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3950SL Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3950SL
Description  Color LED Driver with Audio Synchronizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3950SL Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button LP3950SL Datasheet HTML 23Page - National Semiconductor (TI) LP3950SL Datasheet HTML 24Page - National Semiconductor (TI) LP3950SL Datasheet HTML 25Page - National Semiconductor (TI) LP3950SL Datasheet HTML 26Page - National Semiconductor (TI) LP3950SL Datasheet HTML 27Page - National Semiconductor (TI) LP3950SL Datasheet HTML 28Page - National Semiconductor (TI) LP3950SL Datasheet HTML 29Page - National Semiconductor (TI) LP3950SL Datasheet HTML 30Page - National Semiconductor (TI) LP3950SL Datasheet HTML 31Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
Typical Applications (Continued)
20129343
There may be cases where the audio input signal going into the LP3950 is too weak for audio synchronization. This figure
presents a single-supply inverting amplifier connected to the ASE input for audio signal amplification. The amplification is +20 dB,
which is well enough for 20 mV
p-p audio signal. Because the amplifier (LMV321) is operating in single supply voltage, a voltage
divider using R
3 and R4 is implemented to bias the amplifier so the input signal is within the input common-mode voltage range
of the amplifier. The capacitor C
4 is placed between the inverting input and resistor R1 to block the DC signal going into the audio
signal source. The values of R
1 and C4 affect the cutoff frequency, fc = 1/(2*Pi*R1*C4), in this case it is around 160 Hz. As a result,
the LMV321 output signal is centered around mid-supply, that is V
DD/2. The output can swing to both rails, maximizing the
signal-to-noise ratio in a low voltage system
FIGURE 24. Backlight and Keypad LEDs Controlled by the Pattern Generator - Funlight LEDs Controlled by Audio
Synchronization
www.national.com
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com