Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3950SL Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3950SL
Description  Color LED Driver with Audio Synchronizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3950SL Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP3950SL Datasheet HTML 1Page - National Semiconductor (TI) LP3950SL Datasheet HTML 2Page - National Semiconductor (TI) LP3950SL Datasheet HTML 3Page - National Semiconductor (TI) LP3950SL Datasheet HTML 4Page - National Semiconductor (TI) LP3950SL Datasheet HTML 5Page - National Semiconductor (TI) LP3950SL Datasheet HTML 6Page - National Semiconductor (TI) LP3950SL Datasheet HTML 7Page - National Semiconductor (TI) LP3950SL Datasheet HTML 8Page - National Semiconductor (TI) LP3950SL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Pin Description
Pin #
Name
Type
Description
1
FB
Input
Boost converter feedback.
2
GND_BOOST
Ground
Power switch ground.
3
SW
Output
Open drain, boost converter power switch.
4V
DD2
Power
Supply voltage for internal digital circuits.
5
GND2
Ground
Ground return for V
DD2 (internal digital).
6
DME
Logic Input
Default mode enable (internal pull down 1 M
Ω).
7
AMODE
Logic Input
Audio mode selection (internal pull down 1 M
Ω).
8V
DDA
Power
Supply voltage for audio circuits.
9
ASE
Input
Analog audio input, single-ended.
10
AD1
Input
Analog audio input, differential.
11
AD2
Input
Analog audio input, differential.
12
GNDA
Ground
Ground for analog audio inputs.
13
RT
Input
Oscillator resistor.
14
V
DD1
Power
Supply voltage for internal analog circuits.
15
GND1
Ground
Ground.
16
V
REF
Output
Internal reference bypass capacitor.
17
GND3
Ground
Ground.
18
NRST
Logic Input
Low active reset input.
19
SS/SDA
Logic I/O
SPI slave select/ I
2C data line.
20
SO
Logic Output
SPI serial data output.
21
SI
Logic Input
SPI serial data input.
22
SCK/SCL
Logic Input
SPI/ I
2C clock.
23
PWM_LED
Logic Input
Direct PWM control for LEDs.
24
V
DDIO
Power
Supply voltage for logic IO signals.
25
IF_SEL
Logic Input
SPI/I
2C select (IF_SEL=1inSPI mode).
26
B2
Output
Open drain output, blue LED2.
27
G2
Output
Open drain output, green LED2.
28
R2
Output
Open drain output, red LED2.
29
GND_RGB
Ground
RGB driver ground.
30
R1
Output
Open drain output, red LED1.
31
G1
Output
Open drain output, green LED1.
32
B1
Output
Open drain output, blue LED1.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com