Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3950SL Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3950SL
Description  Color LED Driver with Audio Synchronizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3950SL Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LP3950SL Datasheet HTML 7Page - National Semiconductor (TI) LP3950SL Datasheet HTML 8Page - National Semiconductor (TI) LP3950SL Datasheet HTML 9Page - National Semiconductor (TI) LP3950SL Datasheet HTML 10Page - National Semiconductor (TI) LP3950SL Datasheet HTML 11Page - National Semiconductor (TI) LP3950SL Datasheet HTML 12Page - National Semiconductor (TI) LP3950SL Datasheet HTML 13Page - National Semiconductor (TI) LP3950SL Datasheet HTML 14Page - National Semiconductor (TI) LP3950SL Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
I
2C Compatible Interface (Continued)
TRANSFERRING DATA
Every byte put on the SDA line must be eight bits long, with
the most significant bit (MSB) being transferred first. Each
byte of data has to be followed by an acknowledge bit. The
acknowledge related clock pulse is generated by the master.
The transmitter releases the SDA line (HIGH) during the
acknowledge clock pulse. The receiver must pull down the
SDA line during the 9th clock pulse, signifying an acknowl-
edge. A receiver which has been addressed must generate
an acknowledge after each byte has been received.
After the START condition, the I
2C master sends a chip
address. This address is seven bits long followed by an
eighth bit which is a data direction bit (R/W). The LP3950
address is 50’h or 51’h. The selection of the address is done
by connecting SI pin to V
DDIO (51 hex) or GND (50 hex). For
the eighth bit, a “0” indicates a WRITE and a “1” indicates a
READ. The second byte selects the register to which the
data will be written. The third byte contains data to write to
the selected register.
When a READ function is to be accomplished, a WRITE
function must precede the READ function, as shown in
Figure 9 .
20129311
FIGURE 6. Start and Stop Conditions
20129312
FIGURE 7. I
2C Chip Address
20129313
w = write (SDA = “0”)
r = read (SDA = “1”)
ack = acknowledge (SDA pulled down by either master or slave)
rs = repeated start
id = chip address, 50’h or 51’h for LP3950.
FIGURE 8. I
2C Write Cycle
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com