Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3950SLX Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3950SLX
Description  Color LED Driver with Audio Synchronizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3950SLX Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LP3950SLX Datasheet HTML 14Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 15Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 16Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 17Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 18Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 19Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 20Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 21Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
RGB LED PWM Control (Note 17) (Continued)
ROFF[3:0]
GOFF[3:0]
BOFF[3:0]
ROFF[3:0]
GOFF[3:0]
BOFF[3:0]
OFF sets the beginning time of the turn-off slope. Off-time is relative to blinking cycle length in the same
way as on-time.
If ON=0,OFF=0 and RGB_PWM = 1, then RGB outputs are continuously on (no blinking), the DUTY
setting controls the brightness and the SLOPE control is ignored.
If ON and OFF are the same, but not 0, RGB outputs are turned off.
CYCLE[2:0]
CYCLE sets the blinking cycle: [000] for 0.25s, [001] for 0.5s, [010] for 1.0s, [011] for 2.0s. and [1XX] for
4.0s CYCLE effects to all RGB LEDs.
RSW1
GSW1
BSW1
RSW2
GSW2
BSW2
Enable for R1 switch
Enable for G1 switch
Enable for B1 switch
Enable for R2 switch
Enable for G2 switch
Enable for B2 switch
RGB_START
Master Switch for both RGB drivers:
RGB_START = 0
→ RGB OFF
RGB_START = 1
→ RGB ON, starts the new cycle fromt=0
RGB_PWM
RGB_PWM = 0
→ RSW, GWS and BSW control directly the RGB outputs (on/off control only)
RGB_PWM = 1
→ Normal PWM RGB functionality (duty, slope, on/off times, cycle)
EN_FLASH
Flash mode enable control for RGB1 and RGB2. In the flash mode (EN_FLASH = 1) RGB outputs are
PWM controlled simultaneously, not in 3-phase system as in the normal mode.
R1_PWM
G1_PWM
B1_PWM
R2_PWM
G2_PWM
B2_PWM
xx_PWM = 0
→ External PWM control from PWM_LED pin is disabled
xx_PWM = 1
→ External PWM control from PWM_LED pin is enabled
Internal PWM control (DUTY) can be used independently of external PWM control. External PWM has
the same effect on all enabled outputs.
PWM_LED input can be used as a direct on/off or PWM
brightness control for selected RGB outputs. For example it
can trigger the flash using a flash signal from the camera. If
PWM_LED input is not used, it must be tied to V
DDIO.
Note 17: The LP3933 shares the same pattern generator. Application Note
AN-1291, “Driving RGB LEDs Using LP3933 Lighting Management System”
contains a thorough description of the RGB driver functionality including
programming examples.
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com