Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3950SLX Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3950SLX
Description  Color LED Driver with Audio Synchronizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3950SLX Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LP3950SLX Datasheet HTML 17Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 18Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 19Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 20Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 21Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 22Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 23Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 24Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Audio Synchronization (Continued)
Audio Synchronization Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Zin
Input Impedance of AD1, AD2,
ASE pins
200
500
k
Ω
A
IN_SINGLE
Audio Input Level Range
(peak-to-peak), Single Ended
Audio
0.1
V
DDA −0.1
V
A
IN_DIFF
Audio Input Level Range
(peak-to-peak), Differential
Audio
0.1
V
DDA −0.1
V
f
3dB
Crossover Frequencies (−3 dB)
kHz
Narrow Frequency Response
Low Pass
Band Pass
High Pass
0.5
1.0 and 1.5
2.0
Wide Frequency Response
Low Pass
Band Pass
High Pass
1.0
2.0 and 3.0
4.0
CONTROL OF AUDIO SYNCHRONIZATION
The following table describes the controls required for audio
synchronization. Note that these controls are functional
when using serial interface (I
2C or SPI) for device control.
Also LP3950 audio synchronization functionality is illustrated
in Figure 18.
Audio Synchronization Control
EN_SYNC
Audio synchronization enabled. Set EN_SYNC=1to enable audio synchronization or 0
to disable.
SYNC_MODE
Synchronization mode selector. Set SYNC_MODE = 0 for amplitude synchronization. Set
SYNC_MODE = 1 for frequency synchronization.
MODE_CTRL[1:0]
See below: Mode control
EN_AGC
Automatic gain control. Set EN_AGC=1to enable automatic control or 0 to disable.
When EN_AGC is disabled, the audio input signal gain value is defined by GAIN_SEL.
GAIN_SEL[2:0]
Input signal gain control. Gain has a range from 0 dB to 21 dB with 3 dB steps:
[000] ... 0 dB
[011] ... 9 dB
[110] ... 18 dB
[001] ... 3 dB
[100] ... 12 dB
[111] ... 21 dB
[010] ... 6 dB
[101] ... 15 dB
INPUT_SEL[1:0]
[00] ... Single ended input signal, ASE.
[01] ... Differential input signal, AD1 and AD2.
[10] ... Stereo input or single ended and differential input signal.
Note: Sum of input signals divided by 2.
[11] ... No input
Please see Figure 15 for wiring.
SPEED_CTRL[1:0]
Control for speed of the mapping. Sets the reaction speed (or "sampling rate") for the
audio input signal:
[00] ... FASTEST
[01] ... FAST
[10] ... MEDIUM
[11] ... SLOW
In the amplitude mode f
MAX = 3.8 Hz, in the frequency mode fMAX = 7.6 Hz.
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com