Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3950SLX Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3950SLX
Description  Color LED Driver with Audio Synchronizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3950SLX Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LP3950SLX Datasheet HTML 12Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 13Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 14Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 15Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 16Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 17Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 18Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 19Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Boost Converter Typical Performance Characteristics V
IN = 3.6V, VOUT = 5.0V if not
otherwise stated. (Continued)
Boost Line Regulation
Boost Load Transient Response, 50 mA to 100 mA
20129319
20129323
RGB LED Pattern Generator
The LP3950 RGB outputs can be controlled either with audio
synchronization or with RGB pattern generator.
The pattern generator of LP3950 drives three independently
controlled LED outputs (for example, R1, G1 and B1). The
functionality is similar compared to RGB functionality of
LP3936 and LP3933.
The output of RGB pattern generator can be selected to
drive RGB1 (R1-G1-B1), RGB2 (R2-G2-B2) or RGB1 and
RGB2 (R1&R2 – G1&G2 – B1&B2) outputs.
Programmable Pattern Mode
User has control over the following parameters separately
for each LED:
• ON and OFF (start and stop time in blinking cycle)
• DUTY
(PWM brightness control)
• SLOPE
(dimming slope)
• ENABLE
(output enable control)
The main blinking cycle is controlled with three-bit CYCLE
control (0.25 / 0.5 / 1.0 / 2.0 / 4.0s).
RGB_START is the master control for the whole RGB func-
tion. The internal PWM and blinking control can be disabled
by setting the RGB_PWM control LOW. In this case the
individual enable controls can be used to switch outputs on
and off. PWM_EN input can be used for external hardware
PWM control.
In the normal PWM mode the R, G and B switches are
controlled in 3 phases (one phase per driver). During each
phase the peak current set by an external ballast resistor is
driven through the LED for the time defined by DUTY setting
(0 µs to 50 µs). As a time averaged current this means
0% to 33% of the peak current. The PWM period is 150 µs
and the pulse frequency is 6.67 kHz in normal mode.
In the FLASH mode all the outputs are controlled in one
phase and the PWM period is 50 µs. The time averaged
FLASH mode current is three times the normal mode current
at the same DUTY value.
20129324
FIGURE 12. RGB PWM Operating Principle
20129325
FIGURE 13. Normal Mode PWM Waveforms at Different
Duty Settings
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com