Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3950SLX Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3950SLX
Description  Color LED Driver with Audio Synchronizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3950SLX Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LP3950SLX Datasheet HTML 2Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 3Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 4Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 5Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 6Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 7Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 8Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 9Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Modes of Operation
RESET:
In the RESET mode all the internal registers are reset to the default values. RESET is entered always if
input NRST is LOW or internal Power On Reset is active.
STANDBY:
The STANDBY mode is entered if the register bit NSTBY is LOW and RESET is not active. This is the low
power consumption mode, when all the circuit functions are disabled. Registers can be written in this mode
and the control bits are effective immediately after start up.
STARTUP:
INTERNAL STARTUP SEQUENCE powers up all the needed internal blocks (V
REF, oscillator, etc.). To
ensure the correct oscillator initialization, a 10 ms delay is generated by the internal state-machine. Thermal
shutdown (THSD) disables the chip operation and Startup mode is entered until no thermal shutdown event
is present.
BOOST STARTUP: Soft start for boost output is generated in the BOOST STARTUP mode. In this mode the boost output is
raised in PFM mode during the 10 ms delay generated by the state-machine. All RGB outputs are off during
the 10 ms delay to ensure smooth startup. The Boost startup is entered from Internal Startup Sequence if
EN_BOOST is HIGH or from Normal mode when EN_BOOST is written HIGH.
NORMAL:
During the NORMAL mode the user controls the chip using the control registers. Registers can be written
in any sequence and any number of bits can be altered in a register within one write cycle . If the default
mode is selected, default control register values are used.
Block Diagram
20129305
FIGURE 1. LP3950 Block Diagram
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com