Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3950SLX Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3950SLX
Description  Color LED Driver with Audio Synchronizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3950SLX Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LP3950SLX Datasheet HTML 8Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 9Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 10Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 11Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 12Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 13Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 14Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 15Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
I
2C Compatible Interface (Continued)
I
2C Timing Parameters
(V
DD1 =VDD2 =VDDA = 2.70V to 2.90V, VDDIO = 1.65V to VDD1,2 V)
Symbol
Parameter
Limit
Units
Min
Max
1
Hold Time (repeated) START Condition
0.6
µs
2
Clock Low Time (1.65V
≤ V
DDIO < 1.80V)
3.2
µs
2
Clock Low Time (1.80V
≤ V
DDIO
≤ V
DD1,2V)
1.3
µs
3
Clock High Time (1.65V
≤ V
DDIO < 1.80V)
1200
ns
3
Clock High Time (1.80V
≤ V
DDIO
≤ V
DD1,2V)
600
ns
4
Setup Time for a Repeated START Condition
600
ns
5
Data Hold Time (data output, delay generated by LP3950)
300
900
ns
5
Data Hold Time (data input)
0
900
ns
6
Data Setup Time
100
ns
7
Rise Time of SDA and SCL
20+0.1C
b
300
ns
8
Fall Time of SDA and SCL
15+0.1C
b
300
ns
9
Set-up Time for STOP condition
600
ns
10
Bus Free Time between a STOP and a START Condition
1.3
µs
C
b
Capacitive Load Parameter for Each Bus Line.
Load of One Picofarad Corresponds to One Nanosecond.
10
200
ns
NOTE: Data guaranteed by design
20129314
FIGURE 9. I
2C Read Cycle
20129341
FIGURE 10. I
2C Timing Diagram
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com