Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3950SLX Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3950SLX
Description  Color LED Driver with Audio Synchronizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3950SLX Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3950SLX Datasheet HTML 1Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 2Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 3Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 4Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 5Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 6Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 7Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 8Page - National Semiconductor (TI) LP3950SLX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
LP3950
Color LED Driver with Audio Synchronizer
General Description
The LP3950 is a color LED driver with a built-in audio
synchronization feature for any analog audio input such as
polyphonic ring tones and MP3 music. LEDs can be syn-
chronized to an audio signal with two methods - amplitude
and frequency. Also several fine tuning options are available
for differentiation purposes. The chip also has an unique
AGC (Automatic Gain Control) feature which tracks the input
signal level and automatically adjusts the gain to an optimal
value.
The LP3950 has a high efficiency magnetic DC/DC con-
verter with programmable output voltage and switching fre-
quency. The converter has high output current capability so it
is also able to drive flash LEDs in camera phone applica-
tions.
The LP3950 is similar to LP3933 and LP3936 in that the
color LEDs (or RGB LEDs) can also be programmed to
generate light patterns (programmable color, intensity, on/off
timing, slope and blinking cycle).
All functions are software controllable through a SPI or I
2C
compatible interface but the device also supports one pin
control for enabling predefined (default) audio synchroniza-
tion mode.
Features
n
Audio synchronization for color LEDs with two modes:
Amplitude and Frequency
n
Programmable frequency and amplitude response with
tracking speed control
n
Automatic gain control or selectable gain for input signal
optimization
n
RGB pattern generator similar to LP3933/LP3936
n
Magnetic DC-DC boost converter with programmable
boost output voltage
n
Selectable SPI or I
2C compatible interface
n
One pin default enable for non-serial interface users.
One pin selector for synchronization mode
n
Space efficient 32-pin thin CSP laminate package
Applications
n
Cellular phones
n
MP3/CD/minidisc players
n
Toys
Typical Application
20129301
February 2005
© 2005 National Semiconductor Corporation
DS201293
www.national.com


Similar Part No. - LP3950SLX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3950SL/NOPB TI1-LP3950SL/NOPB Datasheet
1Mb / 38P
Color LED Driver with Audio Synchronizer
More results

Similar Description - LP3950SLX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4970 NSC-LM4970 Datasheet
726Kb / 15P
Audio Synchronized Color LED Driver
logo
New Japan Radio
NJU6060 NJRC-NJU6060 Datasheet
70Kb / 12P
Full Color LED Controller Driver with PWM Control
logo
Motorola, Inc
MC1378 MOTOROLA-MC1378 Datasheet
141Kb / 6P
COLOR TELEVISION COMPOSITE VIDEO OVERLAY SYNCHRONIZER
logo
National Semiconductor ...
LP3952 NSC-LP3952 Datasheet
1Mb / 44P
6-Channel Color LED Driver with Audio Synchronization
logo
Integrated Silicon Solu...
IS31FL3726 ISSI-IS31FL3726 Datasheet
436Kb / 13P
16-BIT COLOR LED DRIVER WITH PWM CONTROL
logo
Texas Instruments
LM4970 TI1-LM4970 Datasheet
1Mb / 19P
Audio Synchronized Color LED Driver
LP3950 TI1-LP3950 Datasheet
1Mb / 38P
Color LED Driver with Audio Synchronizer
LP3952 TI1-LP3952 Datasheet
1Mb / 46P
6-Channel Color LED Driver with Audio Synchronization
logo
Integrated Silicon Solu...
IS31FL3726-QFLS2 ISSI-IS31FL3726-QFLS2 Datasheet
436Kb / 14P
16-BIT COLOR LED DRIVER WITH PWM CONTROL
logo
Shanghai awinic technol...
AW2028H AWINIC-AW2028H Datasheet
1Mb / 39P
3 channel LED Driver with Audio Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com