Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5352 Datasheet(PDF) 21 Page - PMC-Sierra, Inc

Part # PM5352
Description  SATURN USER NETWORK INTERFACE 155 (STAR)
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5352 Datasheet(HTML) 21 Page - PMC-Sierra, Inc

Back Button PM5352 Datasheet HTML 17Page - PMC-Sierra, Inc PM5352 Datasheet HTML 18Page - PMC-Sierra, Inc PM5352 Datasheet HTML 19Page - PMC-Sierra, Inc PM5352 Datasheet HTML 20Page - PMC-Sierra, Inc PM5352 Datasheet HTML 21Page - PMC-Sierra, Inc PM5352 Datasheet HTML 22Page - PMC-Sierra, Inc PM5352 Datasheet HTML 23Page - PMC-Sierra, Inc PM5352 Datasheet HTML 24Page - PMC-Sierra, Inc PM5352 Datasheet HTML 25Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 77 page
background image
PM5352 S/UNI STAR
DATA SHEET
PMC-1990421
ISSUE 2
SATURN USER NETWORK INTERFACE 155 (STAR)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
17
Pin Name
Type
Pin
No.
Function
TSOP
Input
(POS)
J21
POS-PHY Transmit Start of Packet (TSOP) signals.
TSOP indicates the first word of a packet. TSOP is
required to be present at the beginning of every
packet for proper operation.
TSOP is considered valid only when TENB is
simultaneously asserted and the S/UNI-STAR is
selected via TADR[2:0].
TSOP is sampled on the rising edge of TFCLK.
TENB
Input
(ATM)
J22
UTOPIA Transmit Multi-PHY Write Enable (TENB)
signal.
The TENB signal is an active low input which is
used along with the TADR[2:0] inputs to initiate
writes to the transmit FIFO’s.
TENB works as follows. When sampled high, no
write is performed, but the TADR[2:0] address is
latched to identify the transmit FIFO to be
accessed. When TENB is sampled low, the word on
the TDAT bus is written into the transmit FIFO that
is selected by the TADR[2:0} address bus. A
complete 53 octet cell must be written to the
transmit FIFO before it is inserted into the transmit
stream. Idle cells are inserted when a complete cell
is not available. While TENB is deasserted,
TADR[2:0] can be used for polling TCA.
TENB is sampled on the rising edge of TFCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com