Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5352 Datasheet(PDF) 73 Page - PMC-Sierra, Inc

Part # PM5352
Description  SATURN USER NETWORK INTERFACE 155 (STAR)
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5352 Datasheet(HTML) 73 Page - PMC-Sierra, Inc

Back Button PM5352 Datasheet HTML 69Page - PMC-Sierra, Inc PM5352 Datasheet HTML 70Page - PMC-Sierra, Inc PM5352 Datasheet HTML 71Page - PMC-Sierra, Inc PM5352 Datasheet HTML 72Page - PMC-Sierra, Inc PM5352 Datasheet HTML 73Page - PMC-Sierra, Inc PM5352 Datasheet HTML 74Page - PMC-Sierra, Inc PM5352 Datasheet HTML 75Page - PMC-Sierra, Inc PM5352 Datasheet HTML 76Page - PMC-Sierra, Inc PM5352 Datasheet HTML 77Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 73 / 77 page
background image
PM5352 S/UNI STAR
DATA SHEET
PMC-1990421
ISSUE 2
SATURN USER NETWORK INTERFACE 155 (STAR)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
69
10
DC CHARACTERISTICS
The following is the typical and maximum current consumption of the
PM5352 S/UNI-STAR while in ATM mode and POS mode (with and
without use of the TXC clock pin).
PARAMETER
UNIT
UPPER LIMIT
SPEC
TYPICAL
IDDOP in ATM mode (with TXC disabled)
mA
280
215mA
IDDOP in ATM mode (with TXC enabled)
mA
310
235mA
IDDOP in POS mode (with TXC disabled)
mA
330
245mA
IDDOP in POS mode (with TXC enabled)
mA
360
265mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com