Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5352 Datasheet(PDF) 3 Page - PMC-Sierra, Inc

Part # PM5352
Description  SATURN USER NETWORK INTERFACE 155 (STAR)
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5352 Datasheet(HTML) 3 Page - PMC-Sierra, Inc

  PM5352 Datasheet HTML 1Page - PMC-Sierra, Inc PM5352 Datasheet HTML 2Page - PMC-Sierra, Inc PM5352 Datasheet HTML 3Page - PMC-Sierra, Inc PM5352 Datasheet HTML 4Page - PMC-Sierra, Inc PM5352 Datasheet HTML 5Page - PMC-Sierra, Inc PM5352 Datasheet HTML 6Page - PMC-Sierra, Inc PM5352 Datasheet HTML 7Page - PMC-Sierra, Inc PM5352 Datasheet HTML 8Page - PMC-Sierra, Inc PM5352 Datasheet HTML 9Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 77 page
background image
PM5352 S/UNI STAR
DATA SHEET
PMC-1990421
ISSUE 2
SATURN USER NETWORK INTERFACE 155 (STAR)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
ii
TABLE OF CONTENTS
1
FEATURES .............................................................................................. 1
1.1
GENERAL ..................................................................................... 1
1.2
THE SONET RECEIVER .............................................................. 2
1.3
THE RECEIVE ATM PROCESSOR .............................................. 3
1.4
THE RECEIVE POS PROCESSOR .............................................. 3
1.5
THE SONET TRANSMITTER ....................................................... 4
1.6
THE TRANSMIT ATM PROCESSOR ............................................ 4
1.7
THE TRANSMIT POS PROCESSOR ........................................... 5
2
APPLICATIONS ....................................................................................... 6
3
REFERENCES......................................................................................... 7
4
DATASHEET OVERVIEW........................................................................ 9
5
PIN DIAGRAM ....................................................................................... 10
6
PIN DESCRIPTION.................................................................................11
6.1
LINE SIDE INTERFACE SIGNALS ..............................................11
6.2
SECTION AND LINE STATUS DCC SIGNALS ........................... 14
6.3
ATM (UTOPIA) AND PACKET OVER SONET (POS-PHY)
SYSTEM INTERFACE ................................................................ 15
6.4
MICROPROCESSOR INTERFACE SIGNALS ............................ 34
6.5
JTAG TEST ACCESS PORT (TAP) SIGNALS ............................ 36
6.6
ANALOG SIGNALS..................................................................... 37
6.7
POWER AND GROUND ............................................................. 37
7
MICROPROCESSOR INTERFACE ....................................................... 45
8
OPERATIONS........................................................................................ 56
8.1
DEVICE INITIALIZATION............................................................ 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com