Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5352 Datasheet(PDF) 7 Page - PMC-Sierra, Inc

Part # PM5352
Description  SATURN USER NETWORK INTERFACE 155 (STAR)
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5352 Datasheet(HTML) 7 Page - PMC-Sierra, Inc

Back Button PM5352 Datasheet HTML 3Page - PMC-Sierra, Inc PM5352 Datasheet HTML 4Page - PMC-Sierra, Inc PM5352 Datasheet HTML 5Page - PMC-Sierra, Inc PM5352 Datasheet HTML 6Page - PMC-Sierra, Inc PM5352 Datasheet HTML 7Page - PMC-Sierra, Inc PM5352 Datasheet HTML 8Page - PMC-Sierra, Inc PM5352 Datasheet HTML 9Page - PMC-Sierra, Inc PM5352 Datasheet HTML 10Page - PMC-Sierra, Inc PM5352 Datasheet HTML 11Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 77 page
background image
PM5352 S/UNI STAR
DATA SHEET
PMC-1990421
ISSUE 2
SATURN USER NETWORK INTERFACE 155 (STAR)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
3
1.3
The Receive ATM Processor
• Extracts ATM cells from the received STS-3c (STM-1) synchronous
payload envelope using ATM cell delineation.
• Provides ATM cell payload de-scrambling.
• Performs header check sequence (HCS) error detection and
correction, and idle/unassigned cell filtering.
• Detects Out of Cell Delineation (OCD) and Loss of Cell Delineation
(LCD).
• Counts number of received cells, idle cells, errored cells and dropped
cells.
• Provides a synchronous 8-bit wide, four-cell FIFO buffer.
1.4
The Receive POS Processor
• Generic design that supports packet based link layer protocols, like
PPP, HDLC and Frame Relay.
• Performs self synchronous POS data de-scrambling on SPE payload
(x
43+1 polynomial).
• Performs flag sequence detection and terminates the received POS
frames.
• Performs frame check sequence (FCS) validation. The POS
processor supports the validation of both CRC-CCITT and CRC-32
frame check sequences.
• Performs Control Escape de-stuffing.
• Checks for packet abort sequence.
• Checks for octet aligned packet lengths and for minimum and
maximum packet lengths. Automatically deletes short packets
(software configurable), and marks those exceeding the maximum
length as errored.
• Provides a synchronous 256 byte FIFO buffer accessed through a 16-
bit data bus on the POS-PHY System Interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com