Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5352 Datasheet(PDF) 49 Page - PMC-Sierra, Inc

Part # PM5352
Description  SATURN USER NETWORK INTERFACE 155 (STAR)
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5352 Datasheet(HTML) 49 Page - PMC-Sierra, Inc

Back Button PM5352 Datasheet HTML 45Page - PMC-Sierra, Inc PM5352 Datasheet HTML 46Page - PMC-Sierra, Inc PM5352 Datasheet HTML 47Page - PMC-Sierra, Inc PM5352 Datasheet HTML 48Page - PMC-Sierra, Inc PM5352 Datasheet HTML 49Page - PMC-Sierra, Inc PM5352 Datasheet HTML 50Page - PMC-Sierra, Inc PM5352 Datasheet HTML 51Page - PMC-Sierra, Inc PM5352 Datasheet HTML 52Page - PMC-Sierra, Inc PM5352 Datasheet HTML 53Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 77 page
background image
PM5352 S/UNI STAR
DATA SHEET
PMC-1990421
ISSUE 2
SATURN USER NETWORK INTERFACE 155 (STAR)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
45
7
MICROPROCESSOR INTERFACE
The microprocessor interface block provides normal and test mode
registers, and the logic required to connect to the microprocessor
interface. The normal mode registers are required for normal operation,
and test mode registers are used to enhance the testability of the
S/UNI-STAR. The register set is accessed as shown in Table 1. In the
following section every register is documented and identified using the
register number (REG #).. Addresses that are not shown are not used and
must be treated as Reserved.
Table 1: Register Memory Map
REG
#
Address
A[10:0]
Description
00
000
S/UNI-STAR Master Reset and Identity
01
001
S/UNI-STAR Master Configuration
02
002
S/UNI-STAR Master System Interface Config
03
003
S/UNI-STAR Master Clock Monitor
04
004
S/UNI-STAR Master Interrupt Status
05
305
S/UNI-STAR Channel Reset and Performance
Monitoring Update
06
206
S/UNI-STAR Channel Configuration
07
307
S/UNI-STAR Channel Control
08
308
S/UNI-STAR Channel Control Extensions
09
309
Reserved
0A
30A
S/UNI-STAR Channel Interrupt Status 1
0B
30B
S/UNI-STAR Channel Interrupt Status 2
0C
00C
CSPI Control and Status (Clock Synthesis)
0D
00D
Reserved
0E
30E
CRSI Control and Status (Clock Recovery)
0F
30F
Reserved
10
310
RSOP Control/Interrupt Enable
11
311
RSOP Status/Interrupt Status
12
312
RSOP Section BIP-8 LSB
13
313
RSOP Section BIP-8 MSB
14
314
TSOP Control
15
315
TSOP Diagnostic
16
316
Reserved
17
317
Reserved
18
318
RLOP Control/Status
19
319
RLOP Interrupt Enable/Status
1A
31A
RLOP Line BIP-24 LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com