Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5352 Datasheet(PDF) 61 Page - PMC-Sierra, Inc

Part # PM5352
Description  SATURN USER NETWORK INTERFACE 155 (STAR)
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5352 Datasheet(HTML) 61 Page - PMC-Sierra, Inc

Back Button PM5352 Datasheet HTML 57Page - PMC-Sierra, Inc PM5352 Datasheet HTML 58Page - PMC-Sierra, Inc PM5352 Datasheet HTML 59Page - PMC-Sierra, Inc PM5352 Datasheet HTML 60Page - PMC-Sierra, Inc PM5352 Datasheet HTML 61Page - PMC-Sierra, Inc PM5352 Datasheet HTML 62Page - PMC-Sierra, Inc PM5352 Datasheet HTML 63Page - PMC-Sierra, Inc PM5352 Datasheet HTML 64Page - PMC-Sierra, Inc PM5352 Datasheet HTML 65Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 77 page
background image
PM5352 S/UNI STAR
DATA SHEET
PMC-1990421
ISSUE 2
SATURN USER NETWORK INTERFACE 155 (STAR)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
57
9
TEST FEATURES DESCRIPTION
Simultaneously asserting (low) the CSB, RDB and WRB inputs causes all
digital output pins and the data bus to be held in a high-impedance state.
This test feature may be used for board testing.
Test mode registers are used to apply test vectors during production
testing of the S/UNI-STAR. Test mode registers (as opposed to normal
mode registers) are selected when TRS (A[10]) is high.
Test mode registers may also be used for board testing. When all of the
TSBs within the S/UNI-STAR are placed in test mode 0, device inputs may
be read and device outputs may be forced via the microprocessor
interface (refer to the section "Test Mode 0" for details).
In addition, the S/UNI-STAR also supports a standard IEEE 1149.1 five-
signal JTAG boundary scan test port for use in board testing. All digital
device inputs may be read and all digital device outputs may be forced via
the JTAG test port.
Table 2: Test Mode Register Memory Map
Address
Register
0x000-0x3FF
Normal Mode Registers
0x400
Master Test Register
0x401-0x7FF
Reserved For Test
9.1
Master Test Register
Notes on Test Mode Register Bits:
1. Writing values into unused register bits has no effect. However, to
ensure software compatibility with future, feature-enhanced versions of
the product, unused register bits must be written with logic zero.
Reading back unused bits can produce either a logic one or a logic
zero; hence, unused register bits should be masked off by software
when read.
2. Writable test mode register bits are not initialized upon reset unless
otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com