Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7346 Datasheet(PDF) 49 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 49 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 45Page - PMC-Sierra, Inc PM7346 Datasheet HTML 46Page - PMC-Sierra, Inc PM7346 Datasheet HTML 47Page - PMC-Sierra, Inc PM7346 Datasheet HTML 48Page - PMC-Sierra, Inc PM7346 Datasheet HTML 49Page - PMC-Sierra, Inc PM7346 Datasheet HTML 50Page - PMC-Sierra, Inc PM7346 Datasheet HTML 51Page - PMC-Sierra, Inc PM7346 Datasheet HTML 52Page - PMC-Sierra, Inc PM7346 Datasheet HTML 53Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 28
Pin Name
Type
Pin No.
Function
TOHFP[4]
TOHFP[3]
TOHFP[2]
TOHFP[1]
Output
J3
L3
N3
R3
Transmit DS3/E3/J2 Overhead Frame
Position (TOHFP[4:1]). TOHFP[4:1] is
used to align the individual overhead bits
in the transmit overhead data stream,
TOH[4:1], to the DS3 M-frame or the E3
frame. For DS3, TOHFP[4:1] is high
during the X1 overhead bit position in the
TOH[4:1] stream. For G.832 E3,
TOHFP[4:1] is high during the first bit of
the FA1 byte. For G.751 E3, TOHFP[4:1]
is high during the RAI overhead bit
position in the TOH[4:1] stream. For J2,
TOHFP[4:1] is high during the first bit of
timeslot 97 in the first frame of a 4-frame
multiframe). TOHFP[4:1] is updated on the
falling edge of TOHCLK[4:1].
TOHCLK[4]
TOHCLK[3]
TOHCLK[2]
TOHCLK[1]
Output
H2
K1
N2
R2
Transmit DS3/E3/J2 Overhead Clock
(TOHCLK[4:1]). TOHCLK[4:1] is active
when a DS3, E3, or J2 stream is being
processed. TOHCLK[4:1] is nominally a
526 kHz clock for DS3, a 1.072 MHz clock
for G.832 E3, a 1.074 MHz clock for G.751
E3, and a gapped 6.312 MHz clock with
an average frequency of 168 kHz for J2.
TOHFP[4:1] is updated on the falling edge
of TOHCLK[4:1]. TOH[4:1], and
TOHINS[4:1] are sampled on the rising
edge of TOHCLK[4:1].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com