Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7346 Datasheet(PDF) 71 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 71 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 67Page - PMC-Sierra, Inc PM7346 Datasheet HTML 68Page - PMC-Sierra, Inc PM7346 Datasheet HTML 69Page - PMC-Sierra, Inc PM7346 Datasheet HTML 70Page - PMC-Sierra, Inc PM7346 Datasheet HTML 71Page - PMC-Sierra, Inc PM7346 Datasheet HTML 72Page - PMC-Sierra, Inc PM7346 Datasheet HTML 73Page - PMC-Sierra, Inc PM7346 Datasheet HTML 74Page - PMC-Sierra, Inc PM7346 Datasheet HTML 75Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 50
Pin Name
Type
Pin No.
Function
CSB
Input
C9
Active low Chip Select (CSB). This signal
must be low to enable S/UNI-QJET
register accesses. If CSB is not used,
(RDB and WRB determine register reads
and writes) then it should be tied to an
inverted version of RSTB.
WRB
Input
B8
Active low Write Strobe (WRB). This signal
is pulsed low to enable a S/UNI-QJET
register write access. The D[7:0] bus is
clocked into the addressed register on the
rising edge of WRB while CSB is low.
RDB
Input
D9
Active low Read Enable (RDB). This signal
is pulsed low to enable a S/UNI-QJET
register read access. The S/UNI-QJET
drives the D[7:0] bus with the contents of
the addressed register while RDB and
CSB are both low.
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
I/O
D12
C13
A14
B14
D13
C14
A15
B15
Bi-directional Data Bus (D[7:0]). The bi-
directional data bus D[7:0] is used during
S/UNI-QJET register read and write
accesses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com