Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7346 Datasheet(PDF) 97 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 97 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 93Page - PMC-Sierra, Inc PM7346 Datasheet HTML 94Page - PMC-Sierra, Inc PM7346 Datasheet HTML 95Page - PMC-Sierra, Inc PM7346 Datasheet HTML 96Page - PMC-Sierra, Inc PM7346 Datasheet HTML 97Page - PMC-Sierra, Inc PM7346 Datasheet HTML 98Page - PMC-Sierra, Inc PM7346 Datasheet HTML 99Page - PMC-Sierra, Inc PM7346 Datasheet HTML 100Page - PMC-Sierra, Inc PM7346 Datasheet HTML 101Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 76
The J2-TRAN:
• inserts the CRC-5 bits calculated over the preceding multiframe;
• inserts the x-bits through microprocessor programmable register bits;
• inserts the a-bit through a microprocessor programmable register bit;
• inserts the m-bit data link through the TDPR block;
• inserts payload AIS or physical layer AIS through microprocessor
programmable register bits;
• inserts RAI over the m-bits, overwriting HDLC frames, by using the XBOC
block or through automatic activation upon detection of certain remote alarm
conditions.
The J2-TRAN allows overwriting of any of the overhead bits by using the TOH[x],
TOHINS[x], TOHFP[x], and TOHCLK[x] overhead signals. Further, the J2-TRAN
can provide insertion of single bit errors in the framing pattern or in the CRC-5
bits, and insertion of single line code violations for diagnostic purposes.
9.16 XBOC Bit Oriented Code Generator
The Bit Oriented Code Generator (XBOC) Block transmits 63 of the possible 64
bit oriented codes (BOC) in the C-bit parity Far End Alarm and Control (FEAC)
channel. A BOC is a 16-bit sequence consisting of 8 ones, a zero, 6 code bits,
and a trailing zero (111111110xxxxxx0) which is repeated as long as the code is
not 111111. The code to be transmitted is programmed by writing the XBOC
Code Register. The 64th code (111111) is similar to the HDLC idle sequence
and is used to disable the transmission of any bit oriented codes. When
transmission is disabled, the FEAC channel is set to all ones.
9.17 TDPR Facility Data Link Transmitter
The Facility Data Link Transmitter (TDPR) provides a serial data link for the C-bit
parity path maintenance data link in DS3, the serial Network Operator byte or the
General Purpose datalink in G.832 E3, the National Use bit datalink in G.751 E3,
or the m-bit datalink in J2. The TDPR is used under microprocessor control to
transmit HDLC data frames. It performs all of the data serialization, CRC
generation, zero-bit stuffing, as well as flag, and abort sequence insertion. Upon
completion of the message, a CRC-CCITT frame check sequence (FCS) can be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com