Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7346 Datasheet(PDF) 60 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 60 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 56Page - PMC-Sierra, Inc PM7346 Datasheet HTML 57Page - PMC-Sierra, Inc PM7346 Datasheet HTML 58Page - PMC-Sierra, Inc PM7346 Datasheet HTML 59Page - PMC-Sierra, Inc PM7346 Datasheet HTML 60Page - PMC-Sierra, Inc PM7346 Datasheet HTML 61Page - PMC-Sierra, Inc PM7346 Datasheet HTML 62Page - PMC-Sierra, Inc PM7346 Datasheet HTML 63Page - PMC-Sierra, Inc PM7346 Datasheet HTML 64Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 39
Pin Name
Type
Pin No.
Function
RGAPCLK[4]
RGAPCLK[3]
RGAPCLK[2]
RGAPCLK[1]
Output
W13
U10
V7
U5
Framer Recovered Gapped Clock
(RGAPCLK[4:1]). RGAPCLK[4:1] is valid
when the S/UNI-QJET is configured as a
DS3, E3, or J2 framer for non-ATM
applications by setting the FRMRONLY bit
in the S/UNI-QJET Configuration 1
Register and the RXGAPEN bit in the
S/UNI-QJET Configuration 2 Register.
RGAPCLK[4:1] is the recovered clock and
timing reference for RDATO[4:1].
RGAPCLK[4:1] is held high for bit
positions which correspond to overhead.
LCD[4]
LCD[3]
LCD[2]
LCD[1]
Output
Y14
W10
W7
Y4
Loss of Cell Delineation (LCD[4:1]).
LCD[4:1] is an active high signal which is
asserted while the ATM cell processor has
detected a Loss of Cell Delineation defect.
The FRMRONLY bit in the S/UNI-QJET
Configuration 1 Register must be set to
logic 0 for LCD[4:1] to be valid.
RDATO[4]
RDATO[3]
RDATO[2]
RDATO[1]
Framer Receive Data (RDATO[4:1]).
RDATO[4:1] is valid when the S/UNI-QJET
is configured as a DS3, E3, or J2 framer
for non-ATM applications by setting the
FRMRONLY bit in the S/UNI-QJET
Configuration 1 Register.
RDATO[4:1] is the received data aligned to
RFPO/RMFPO[4:1] and ROVRHD[4:1].
RDATO[4:1] is updated on the active edge
(as set by the RSCLKR register bit) of
RSCLK[4:1] or RGAPCLK[4:1].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com