Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7346 Datasheet(PDF) 89 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 89 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 85Page - PMC-Sierra, Inc PM7346 Datasheet HTML 86Page - PMC-Sierra, Inc PM7346 Datasheet HTML 87Page - PMC-Sierra, Inc PM7346 Datasheet HTML 88Page - PMC-Sierra, Inc PM7346 Datasheet HTML 89Page - PMC-Sierra, Inc PM7346 Datasheet HTML 90Page - PMC-Sierra, Inc PM7346 Datasheet HTML 91Page - PMC-Sierra, Inc PM7346 Datasheet HTML 92Page - PMC-Sierra, Inc PM7346 Datasheet HTML 93Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 68
CRC-8 calculation over the first 4 octets of the ATM cell header. When
performing delineation, correct HCS calculations are assumed to indicate cell
boundaries.
The ATMF performs a sequential bit-by-bit, a nibble-by-nibble (DS-3 direct
mapped), or a byte-by-byte (J2 and E3 direct-mapped) hunt for a correct HCS
sequence. This state is referred to as the HUNT state. When receiving a bit
serial cell stream from an upstream transmission system sublayer entity, the bit,
nibble, or byte boundaries are determined from the location of the overhead.
When a correct HCS is found, the ATMF locks on the particular cell boundary
and assumes the PRESYNC state. This state verifies that the previously
detected HCS pattern was not a false indication. If the HCS pattern was a false
indication then an incorrect HCS should be received within the next DELTA cells.
At that point a transition back to the HUNT state is executed. If an incorrect HCS
is not found in this PRESYNC period then a transition to the SYNC state is
made. In this state synchronization is not relinquished until ALPHA consecutive
incorrect HCS patterns are found. In such an event a transition is made back to
the HUNT state. The state diagram of the cell delineation process is shown in
Figure 10.
Figure 10
- Cell delineation State Diagram
HU NT
PR ES YN C
SY NC
Corr ec t H C S
(bit b y bit)
In c o rr ec t H C S
(c ell b y ce ll)
D E LT A c o nse c u t ive
co r rec t H C S 's
(c ell b y ce ll)
ALP H A c o ns ec u tive
in c o rr ec t H C S 's
(c ell b y ce ll)
The values of ALPHA and DELTA determine the robustness of the delineation
method. ALPHA determines the robustness against false misalignments due to
bit errors. DELTA determines the robustness against false delineation in the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com